Electronic Components Datasheet Search
  English  ▼

X  

TC1270 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 4 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1270/TC1271
DS21381D-page 4
© 2007 Microchip Technology Inc.
2.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
VCC = 1V
TEMPERATURE (°C)
8
10
12
14
6
4
2
0
-40
020
-20
40
60
85
Supply Current vs.Temperature
(No Load, TC127xR/S/T/F)
VCC = 5V
VCC = 3V
TEMPERATURE (°C)
30
40
50
20
10
0
-40
0
20
-20
40
60
85
Power-Down Reset Delay vs. Temperature
(TC127xF)
VOD = 20mV
VOD = 100mV
VOD = 200 mV
TEMPERATURE (°C)
240
245
250
235
230
225
-40
0
20
-20
40
60
85
Power-Up Reset Time-out vs. Temperature
TC127xL/M
TC127xR/S/T/F
8
6
4
2
0
TEMPERATURE (°C)
-40
020
-20
40
60
85
Supply Current vs.Temperature
(No Load, TC127xL/M)
VCC = 5V
VCC = 3V
VCC = 1V
L/M
R/S/T
TEMPERATURE (°C)
30
40
50
20
10
0
-40
0
20
-20
40
60
85
Power-Down Reset Delay vs. Temperature
(TC127xL/M/R/S/T)
VOD = 20 mV
VOD = 20 mV
VOD = 100 mV
VOD = 200 mV
VOD = 100 mV
VOD = 200 mV
1.0010
1.0020
1.0030
1.0000
0.9990
0.9980
0.9970
0.9960
0.9950
0.9940
TEMPERATURE (°C)
-40
10
35
-15
65
60
Normalized Reset Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com