Electronic Components Datasheet Search
  English  ▼

X  

TC1270 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology TC1270 Datasheet HTML 10Page - Microchip Technology TC1270 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2007 Microchip Technology Inc.
DS21381D-page 7
TC1270/TC1271
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
5.2
Taping Form
1
1
2
3
4
1
&
= part number code + threshold voltage
2
(two-digit code)
Part Number
(V)
TC1270
Code
TC1270LERCTR
4.63
S1
TC1270MERCTR
4.38
S2
TC1270TERCTR
3.08
S3
TC1270SERCTR
2.93
S4
TC1270RERCTR
2.63
S5
TC1270FERCTR
1.75
S7
Part Number
(V)
TC1271
Code
TC1271LERC
TR
4.63
T1
TC1271MERC
TR
4.38
T2
TC1271TERC
TR
3.08
T3
TC1271SERC
TR
2.9
T4
TC1271RERC
TR
2.63
T5
TC1271FERC
TR
1.75
T7
3
represents year and quarter code
4
represents production lot ID code
Device
Marking
P, Pitch
W, Width
of Carrier
Tape
User Direction of Feed
Pin 1
Standard Reel Component Orientation
Reverse Reel Component Orientation
Pin 1
for TR Suffix Device
(Mark Right Side Up)
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
4-Pin SOT-143
8 mm
4 mm
3000
7 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com