Electronic Components Datasheet Search
  English  ▼

X  

TDA8552TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8552TS Datasheet HTML 1Page - NXP Semiconductors TDA8552TS Datasheet HTML 2Page - NXP Semiconductors TDA8552TS Datasheet HTML 3Page - NXP Semiconductors TDA8552TS Datasheet HTML 4Page - NXP Semiconductors TDA8552TS Datasheet HTML 5Page - NXP Semiconductors TDA8552TS Datasheet HTML 6Page - NXP Semiconductors TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1998 Jun 02
4
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGM608
20
k
Ω
15 k
Ω
20 k
Ω
20 k
Ω
3.4 k
Ω
1.6 k
Ω
20 dB
30 dB
20
k
Ω
15 k
Ω
20 k
Ω
20 k
Ω
3.4 k
Ω
1.6 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
20 dB
30 dB
0.5VDD
0.5VDD
0.5VDD
0.5VDD
0.5VDD
0.5VDD
VDD
VDD
0.5VDD
0.5VDD
VOLUME
CONTROL
VOLUME
CONTROL
MASTER
SLAVE
TDA8552T
MASTER
SLAVE
UP/DOWN
COUNTER
INTERFACE
UP/DOWN
COUNTER
INTERFACE
STANDBY/MUTE
AND OPERATING
GAIN
SELECTION
UP/DOWN1
UP/DOWN2
IN1
17
6
16
15
7
5
4
IN2
SVR
MODE
HPS
GAINSEL
GND1 to GND4
OUT2
−
OUT2
+
OUT1
−
OUT1
+
VDD1
VDD2
VDD3
VDD4
3813
18
12
19
2
9
1, 10, 11, 20
14
up
down
up
down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com