Electronic Components Datasheet Search
  English  ▼

X  

TDA8552TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8552TS Datasheet HTML 1Page - NXP Semiconductors TDA8552TS Datasheet HTML 2Page - NXP Semiconductors TDA8552TS Datasheet HTML 3Page - NXP Semiconductors TDA8552TS Datasheet HTML 4Page - NXP Semiconductors TDA8552TS Datasheet HTML 5Page - NXP Semiconductors TDA8552TS Datasheet HTML 6Page - NXP Semiconductors TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1998 Jun 02
3
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.7
5
5.5
V
Iq
quiescent supply current
BTL mode; VDD =5V
−
14
20
mA
BTL mode; VDD = 3.3 V
−
10
15
mA
SE mode; VDD =5V
−
8.5
12
mA
SE mode; VDD = 3.3 V
−
58mA
Istb
standby current
−
110
µA
Po
output power
THD = 10%; RL =8 Ω; VDD =5V 1
1.4
−
W
Gv
voltage gain
low gain; maximum volume
−
20
−
dB
low gain; minimum volume
−−60
−
dB
high gain; maximum volume
−
30
−
dB
high gain; minimum volume
−−50
−
dB
Nstep
number of volume steps
−
64
−
THD
total harmonic distortion
Po = 0.5 W
−
0.1
−
%
SVRR
supply voltage ripple
rejection
50
−−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com