Electronic Components Datasheet Search
  English  ▼

X  

TDA8552TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8552TS Datasheet HTML 1Page - NXP Semiconductors TDA8552TS Datasheet HTML 2Page - NXP Semiconductors TDA8552TS Datasheet HTML 3Page - NXP Semiconductors TDA8552TS Datasheet HTML 4Page - NXP Semiconductors TDA8552TS Datasheet HTML 5Page - NXP Semiconductors TDA8552TS Datasheet HTML 6Page - NXP Semiconductors TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1998 Jun 02
2
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
FEATURES
• One pin digital volume control (for each channel)
• Volume setting with up/down pulses
• Auto repeat function on volume setting
• Headphone sensing
• Maximum gain set by selection pin
• Low sensitivity for EMC radiation
• Internal feedback resistors
• Flexibility in use
• Few external components
• Low saturation voltage of output stage
• Standby mode controlled by CMOS compatible levels
• Low standby current
• No switch-on/switch-off plops
• High supply voltage ripple rejection
• Protected against electrostatic discharge
• Outputs short-circuit safe to ground, VDD and across the
load
• Thermally protected.
APPLICATIONS
• Portable consumer products
• Notebook computers
• Communication equipment.
GENERAL DESCRIPTION
The TDA8552T is a two channel audio power amplifier that
provides an output power of 2
× 1.4 W into an 8 Ω load
using a 5 V power supply. The circuit contains two BTL
power amplifiers, two digital volume controls and
standby/mute logic. Volume and balance of the amplifiers
are controlled using two digital input pins which can be
driven by simple push-buttons or by a microcontroller.
Using the selection pin (GAINSEL) the maximum gain can
be set at 20 or 30 dB. The headphone sense input (HPS)
can be used to detect if a headphone is plugged into the
jack connector. If a headphone is plugged into the jack
connector the amplifier switches from the BTL to the SE
mode and the BTL loudspeakers are switched off. This
also results in a reduction of quiescent current
consumption.
The TDA8552T is contained in a 20-pin small outline
package. For the TDA8552TS, which is contained in a
20-pin very small outline package, the maximum output
power is limited by the maximum allowed ambient
temperature. More information can be found in Section
“Thermal design considerations”. The SO20 package has
the four corner leads connected to the die pad so that the
thermal behaviour can be improved by the PCB layout.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8552T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA8552TS
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com