Electronic Components Datasheet Search
  English  ▼

X  

M66239FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M66239FP
Description  High Speed Standard Clock Generator With Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66239FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M66239FP Datasheet HTML 8Page - Renesas Technology Corp M66239FP Datasheet HTML 9Page - Renesas Technology Corp M66239FP Datasheet HTML 10Page - Renesas Technology Corp M66239FP Datasheet HTML 11Page - Renesas Technology Corp M66239FP Datasheet HTML 12Page - Renesas Technology Corp M66239FP Datasheet HTML 13Page - Renesas Technology Corp M66239FP Datasheet HTML 14Page - Renesas Technology Corp M66239FP Datasheet HTML 15Page - Renesas Technology Corp M66239FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
M66239FP
Rev.1.00 Mar 16, 2005 page 12 of 23
Function Mode 4
Mode 4 is polygon modulation type as following.
Frequency modulation is set by serial input resister.
(1) Operation mode
: Resister 1
(2) Frequency modulation period (Trate)
: Resister 2
(3) Frequency modulation start position (Tstart)
: Resister 3
(4) Output center frequency (fcenter)
: Resister 4
(5) Output peak frequency (fpeak)
: Resister 5
(6) 1st.pole position (1stPole)
: Resister 6
(7) 2nd.pole position (2ndPole)
: Resister 7
(8) 3rd.pole position (3rdPole)
: Resister 8
(9) 4th.pole position (4thPole)
: Resister 9
(10) 1st.Pole frequency (f1stPole)
: Resister 10
(11) 3rd.Pole frequency (f3rdPole)
: Resister 11
Tstart
2nd Pole
1st Pole
MCLK
TR
CKO
Fpeak+
Fpeak–
Fcenter
F3rdpole
F1stpole
4th Pole
3rd Pole
Trate
Tspace1
Tspace3
Tspace4
Tspace2
Tspace5
Notes: 1.
2.
3.
Each Pole position (cycle number) is defined by Tstart position.
Until next TR input, output clock frequency keep "Fcenter".
F3rdpole and Fpeak+ must set higher frequency than Fcenter.
F1stpole and Fpeak– must set lower frequency than Fcenter.
Output
clock
frequency
Modulation start
Modulation end
Figure 7.1 Operation Timing of Mode 4 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com