Electronic Components Datasheet Search
  English  ▼

X  

M66239FP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M66239FP
Description  High Speed Standard Clock Generator With Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66239FP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M66239FP Datasheet HTML 16Page - Renesas Technology Corp M66239FP Datasheet HTML 17Page - Renesas Technology Corp M66239FP Datasheet HTML 18Page - Renesas Technology Corp M66239FP Datasheet HTML 19Page - Renesas Technology Corp M66239FP Datasheet HTML 20Page - Renesas Technology Corp M66239FP Datasheet HTML 21Page - Renesas Technology Corp M66239FP Datasheet HTML 22Page - Renesas Technology Corp M66239FP Datasheet HTML 23Page - Renesas Technology Corp M66239FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
M66239FP
Rev.1.00 Mar 16, 2005 page 20 of 23
Frequency Modulation Characteristics
(Ta = 0 to +50°C, Vcc = 3.15 to 3.46V, GND = 0V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Frequency modulation start position
Tstart
100
256
1023
Cycle
Frequency modulation period
Trate
1500
8192
65535
Cycle
Center frequency
Fcenter
±0
—
±2.55
%
Center frequency resolution
Fstep1
0.01
—
—
%
Peak frequency (+ side)
Fpeak+
+0.3
—
+2.55
%
Peak frequency (– side)
Fpeak–
–0.3
—
–2.55
%
Peak frequency resolution
Fstep2
0.01
—
—
%
1st.pole position
1stPole
Tstart+500
—
40959
Cycle
2nd.pole position
2ndPole
1stPole+500
—
40959
Cycle
3rd.pole position
3rdPole
2ndPole+500
—
40959
Cycle
4th.pole position
4thPole
3rdPole+500
—
40959
Cycle
Min cycle between 1stPole and Tstart
Tspace1
500
—
—
Cycle
Min cycle between 2ndPole and 1stPole
Tspace2
500
—
—
Cycle
Min cycle between 3rdPole and 2ndPole
Tspace3
500
—
—
Cycle
Min cycle between 4thPole and 3rdPole
Tspace4
500
—
—
Cycle
Min cycle between modulation end-4thPole
Tspace5
500
—
—
Cycle
Min cycle between modulation end-2ndPole
(In case of mode 2 or mode 3)
Tspace6
500
—
—
%
1st.Pole frequency (In case of page 12)
Fcenter–0.1
—
–Fpeak+0.1
%
1st.Pole frequency (In case of page 13)
F1stpole
Fcenter+0.1
—
+Fpeak–0.1
%
3rd.Pole frequency (In case of page 12)
Fcenter+0.1
—
+Fpeak–0.1
%
3rd.Pole frequency (In case of page 13)
F3rdpole
Fcenter–0.1
—
–Fpeak+0.1
%
CL = 10 pF
Notes: 1. Regarding Fpeak+/–, F1stpole, F3rdpole higher frequency than Fcenter is specified to be positive (+ sign),
lower frequency than Fcenter is specified to be negative (– sign).
2. The above limitations of Fcenter, Fstep1, Fpeak+/–, Fstep2, F1stpole, F3rdpole, 1stPole, 2ndPole, 3rdPole,
and 4thPole are setting available vale.
Actual output clock is affected PLL jitter, above limitations are not guarantee value which is taken into
account the jitter and noise.
3. Minimum specification of modulation period is 1500 cycles, operation mode 4 needs over 2500 cycles.
Frequency Range Setting of Input Clock
FEST<2:0> pins need to set correspond to following table.
Table 1
Frequency Range Setting of Input Clock
Input Clock Frequency (MHz)
FSET<2>
FSET<1>
FSET<0>
28 to 60
H
L
L
60 to 80
H
L
H
80 to 100
H
H
L
Notes: 1. If MCLK frequency change under operating, it should need to start power on procedure again.
2. If FSET<2:0> setting are changed, reset function is needed again.
By the reset operation, all serial resisters are set to default settings, so it should set serial resister again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com