Electronic Components Datasheet Search
  English  ▼

X  

TC7660EOATR Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7660EOATR
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EOATR Datasheet(HTML) 4 Page - Microchip Technology

  TC7660EOATR Datasheet HTML 1Page - Microchip Technology TC7660EOATR Datasheet HTML 2Page - Microchip Technology TC7660EOATR Datasheet HTML 3Page - Microchip Technology TC7660EOATR Datasheet HTML 4Page - Microchip Technology TC7660EOATR Datasheet HTML 5Page - Microchip Technology TC7660EOATR Datasheet HTML 6Page - Microchip Technology TC7660EOATR Datasheet HTML 7Page - Microchip Technology TC7660EOATR Datasheet HTML 8Page - Microchip Technology TC7660EOATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TCM680
DS21486C-page 4
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = +5V, TA = +25°C.
FIGURE 2-1:
Output Resistance vs. VIN.
FIGURE 2-2:
Supply Current vs. VIN.
FIGURE 2-3:
Output Source Resistance
vs. Temperature.
FIGURE 2-4:
VOUT
+ or V
OUT
- vs. Load
Current.
FIGURE 2-5:
Output Voltage vs. Output
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1
2
3
45
6
VIN (V)
ROUT
300
250
200
150
100
C1 = C4 = 10 μF
1
2
3
45
6
VIN (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
RL = ∞
ROUT
-50
0
50
100
Temperature (˚C)
180
160
140
120
100
IOUT = 10 mA
0
5
10
15
Load Current (mA)
10.0
9.0
8.0
7.0
10.0
9.0
8.0
7.0
0
2
4
68
10
Output Current (mA) From VOUT+ To VOUT–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com