Electronic Components Datasheet Search
  English  ▼

X  

TC7660EOATR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7660EOATR
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EOATR Datasheet(HTML) 1 Page - Microchip Technology

  TC7660EOATR Datasheet HTML 1Page - Microchip Technology TC7660EOATR Datasheet HTML 2Page - Microchip Technology TC7660EOATR Datasheet HTML 3Page - Microchip Technology TC7660EOATR Datasheet HTML 4Page - Microchip Technology TC7660EOATR Datasheet HTML 5Page - Microchip Technology TC7660EOATR Datasheet HTML 6Page - Microchip Technology TC7660EOATR Datasheet HTML 7Page - Microchip Technology TC7660EOATR Datasheet HTML 8Page - Microchip Technology TC7660EOATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 1
TCM680
Features
• 99% Voltage Conversion Efficiency
• 85% Power Conversion Efficiency
• Input Voltage Range:
- +2.0V to +5.5V
• Only 4 External Capacitors Required
• 8-Pin SOIC Package
Applications
• ±10V From +5V Logic Supply
• ±6V From a 3V Lithium Cell
• Handheld Instruments
• Portable Cellular Phones
• LCD Display Bias Generator
• Panel Meters
• Operational Amplifier Power Supplies
Typical Operating Circuit
General Description
The TCM680 is a dual charge pump, voltage converter
that produces output voltages of +2VIN and -2VIN from
a single input voltage of +2.0V to +5.5V. Common
applications include ±10V from a single +5V logic
supply and ±6V from a +3V lithium battery.
The TCM680 is packaged in 8-pin SOIC and PDIP
packages and requires only four inexpensive, external
capacitors. The charge pumps are clocked by an on-
board 8 kHz oscillator. Low output source impedances
(typically 140
Ω) provide maximum output currents of
10 mA for each output. Typical power conversion effi-
ciency is 85%.
High efficiency, small size and low cost make the
TCM680 suitable for a wide variety of applications that
need both positive and negative power supplies
derived from a single input voltage.
Package Type
VOUT
- = -(2 x V
IN)
GND
TCM680
VOUT
+
+
+
+
GND
GND
+
VOUT
+ = (2 x V
IN)
+5V
VIN
VOUT
-
C1
+
C2
+
C1
-
C2
-
C1
4.7 µF
C2
4.7 µF
C4
4.7 µF
C3
4.7 µF
1
2
3
4
8
7
6
5
TCM680CPA
TCM680EPA
GND
VOUT
-
C1
+
PDIP
VIN
C2
+
C1
-
C2
-
VOUT
+
1
2
3
4
8
7
6
5
TCM680COA
TCM680EOA
GND
VOUT
-
C1
+
SOIC
VIN
C2
+
C1
-
C2
-
VOUT
+
+5V To ±10V Voltage Converter
Obsolete Device


Similar Part No. - TC7660EOATR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660EOA TELCOM-TC7660EOA Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660EOA MICROCHIP-TC7660EOA Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660EOA MICROCHIP-TC7660EOA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660EOA MICROCHIP-TC7660EOA Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660EOA713 MICROCHIP-TC7660EOA713 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
More results

Similar Description - TC7660EOATR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
?쏧nductorless??5V to 5V Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
5V to ??V Converter
logo
Maxim Integrated Produc...
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
5V to 짹10V Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com