Electronic Components Datasheet Search
  English  ▼

X  

TC7660EOATR Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7660EOATR
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EOATR Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7660EOATR Datasheet HTML 4Page - Microchip Technology TC7660EOATR Datasheet HTML 5Page - Microchip Technology TC7660EOATR Datasheet HTML 6Page - Microchip Technology TC7660EOATR Datasheet HTML 7Page - Microchip Technology TC7660EOATR Datasheet HTML 8Page - Microchip Technology TC7660EOATR Datasheet HTML 9Page - Microchip Technology TC7660EOATR Datasheet HTML 10Page - Microchip Technology TC7660EOATR Datasheet HTML 11Page - Microchip Technology TC7660EOATR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TCM680
DS21486C-page 8
© 2005 Microchip Technology Inc.
5.0
APPLICATIONS INFORMATION
5.1
Voltage Multiplication and
Inversion
The TCM680 performs voltage multiplication and inver-
sion simultaneously, providing positive and negative
outputs (Figure 5-1). The magnitude of both outputs is,
approximately, twice the input voltage. Unlike other
switched capacitor converters, the TCM680 requires
only four external capacitors to provide both functions
simultaneously.
FIGURE 5-1:
Positive and Negative
Converter.
5.2
Capacitor Selection
The TCM680 requires only 4 external capacitors for
operation, which can be inexpensive, polarized alumi-
num electrolytic types. For the circuit in Figure 5-1, the
output characteristics are largely determined by the
external capacitors. An expression for ROUT can be
derived as shown below:
EQUATION
Assuming all switch resistances are approximately
equal:
EQUATION
ROUT is typically 140Ω at +25°C with VIN = +5V and C1
and C2 as 4.7 µF low ESR capacitors. The fixed term
(32RSW) is about 130Ω. It can easily be seen that
increasing or decreasing values of C1 and C2 will affect
efficiency by changing ROUT. However, be careful
about ESR. This term can quickly become dominant
with large electrolytic capacitors. Table 5-1 shows
ROUT for various values of C1 and C2 (assume 0.5Ω
ESR). C1 and C4 must be rated at 6 VDC or greater
while C2 and C3 must be rated at 12 VDC or greater.
Output voltage ripple is affected by C3 and C4.
Typically, the larger the value of C3 and C4, the less the
ripple for a given load current. The formula for
VRIPPLE(p-p) is given below:
EQUATION
For a 10 µF (0.5
Ω ESR) capacitor for C3, C4,
fPUMP = 21 kHz and IOUT = 10 mA, the peak-to-peak
ripple voltage at the output will be less than 100 mV. In
most applications (IOUT ≤ 10 mA), 10-20 µF output
capacitors and 1-5 µF pump capacitors will suffice.
Table 5-2 shows VRIPPLE for different values of C3 and
C4 (assume 1 Ω ESR).
TABLE 5-1:
OUTPUT RESISTANCE
VS. C1, C2
TABLE 5-2:
VRIPPLE PEAK-TO-PEAK
VS. C3, C4 (IOUT 10 mA)
GND
GND
TCM680
8
7
6
5
4
3
2
1
+
+
+
VIN
C1
+
C2
+
C1
-
VOUT
-
VOUT
+
VOUT
-
VOUT
+
+
VIN
C1
22 µF
C2
22 µF
C4
22 µF
C3
22 µF
C2
-
ROUT
+ =4(R
SW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+4(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+1/(fPUMP x C1) + 1/(fPUMP x C2) + ESRC4
ROUT
– =4(R
SW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+4(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+1/(fPUMP x C1) + 1/(fPUMP x C2) + ESRC3
ROUT
+ = 32R
SW + 8ESRC1 + 8ESRC2 + ESRC4
+1/(fPUMP x C1) + 1/(fPUMP x C2)
ROUT
– = 32R
SW + 8ESRC1 + 8ESRC2 + ESRC3
+1/(fPUMP x C1) + 1/(fPUMP x C2)
C1, C2 (µF)
ROUT
+, R
OUT
- (Ω)
0.1
1089
0.47
339
1232
3.3
165
4.7
157
10
146
22
141
100
137
C3, C4 (µF)
VRIPPLE(p-p)
+,V
RIPPLE(p-p)
- (mV)
0.47
1540
1734
3.3
236
4.7
172
10
91
22
52
100
27
VRIPPLE(p-p)
+ ={1/[2(f
PUMP /3) x C4] + 2(ESRC4)} (IOUT
+)
VRIPPLE(p-p)
– ={1/[2(f
PUMP /3) x C3] + 2(ESRC3)} (IOUT
–)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com