Electronic Components Datasheet Search
  English  ▼

X  

AD9102BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9102BCPZ
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9102BCPZ Datasheet HTML 10Page - Analog Devices AD9102BCPZ Datasheet HTML 11Page - Analog Devices AD9102BCPZ Datasheet HTML 12Page - Analog Devices AD9102BCPZ Datasheet HTML 13Page - Analog Devices AD9102BCPZ Datasheet HTML 14Page - Analog Devices AD9102BCPZ Datasheet HTML 15Page - Analog Devices AD9102BCPZ Datasheet HTML 16Page - Analog Devices AD9102BCPZ Datasheet HTML 17Page - Analog Devices AD9102BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Data Sheet
AD9102
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 14 of 43
AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2.
Figure 3. SFDR, 2nd and 3rd Harmonics vs. fOUT at IOUTFS = 8 mA
Figure 4. SFDR, 2nd and 3rd Harmonics vs. fOUT at IOUTFS = 4 mA
Figure 5. SFDR, 2nd and 3rd Harmonics vs. fOUT at IOUTFS = 2 mA
Figure 6. SFDR vs. fOUT at Three IOUTFS Values
Figure 7. SFDR vs. fOUT at Three Temperatures
Figure 8. SFDR vs. fOUT at Three fDAC Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com