Electronic Components Datasheet Search
  English  ▼

X  

AD9102BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9102BCPZ
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102BCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD9102BCPZ Datasheet HTML 1Page - Analog Devices AD9102BCPZ Datasheet HTML 2Page - Analog Devices AD9102BCPZ Datasheet HTML 3Page - Analog Devices AD9102BCPZ Datasheet HTML 4Page - Analog Devices AD9102BCPZ Datasheet HTML 5Page - Analog Devices AD9102BCPZ Datasheet HTML 6Page - Analog Devices AD9102BCPZ Datasheet HTML 7Page - Analog Devices AD9102BCPZ Datasheet HTML 8Page - Analog Devices AD9102BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Data Sheet
AD9102
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 43
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Product Highlights................................................. 1
Functional Block Diagram......................................5
Specifications........................................................ 6
DC Specifications (3.3 V)................................... 6
DC Specifications (1.8 V)................................... 6
Digital Timing Specifications (3.3 V)...................7
Digital Timing Specifications (1.8 V)...................7
Input/Output Signal Specifications..................... 7
AC Specifications (3.3 V)................................... 8
AC Specifications (1.8 V)................................... 8
Power Supply Voltage Inputs and Power
Dissipation........................................................9
Absolute Maximum Ratings................................. 11
Thermal Resistance..........................................11
ESD Caution.....................................................11
Pin Configuration and Function Descriptions...... 12
Typical Performance Characteristics................... 14
Terminology......................................................... 19
Theory of Operation.............................................20
SPI Port ...........................................................20
DAC Transfer Function.....................................21
Setting IOUTFS, DAC Gain ................................21
Clock Input....................................................... 23
Generating Signal Patterns.............................. 23
DAC Input Datapaths....................................... 25
DOUT Function................................................ 25
Direct Digital Synthesizer (DDS)...................... 26
SRAM...............................................................26
Sawtooth Generator......................................... 27
Pseudorandom Signal Generator.....................27
DC Constant.....................................................28
Power Supply Notes.........................................28
Applications Information...................................... 29
Signal Generation Examples............................29
Waveform Generation Setups and Sample
Sequence....................................................... 30
Register Map....................................................... 32
Register Descriptions.......................................... 34
SPI Control Register (SPICONFIG, Address
0x00).............................................................. 34
Power Status Register (POWERCONFIG,
Address 0x01)................................................ 34
Clock Control Register (CLOCKCONFIG,
Address 0x02)................................................ 35
Reference Resistor Register (REFADJ,
Address 0x03)................................................ 35
DAC Analog Gain Register (DACAGAIN,
Address 0x07)................................................ 35
DAC Analog Gain Range Register
(DACRANGE, Address 0x08).........................35
FSADJ Register (DACRSET, Address 0x0C)...36
Calibration Register (CALCONFIG, Address
0x0D)..............................................................36
Comp Offset Register (COMPOFFSET,
Address 0x0E)................................................36
Update Pattern Register (RAMUPDATE,
Address 0x1D)................................................37
Command/Status Register (PAT_STATUS,
Address 0x1E)................................................37
Command/Status Register (PAT_TYPE,
Address 0x1F)................................................ 37
Trigger Start to Real Pattern Delay Register
(PATTERN_DLY, Address 0x20).................... 37
DAC Digital Offset Register (DACDOF,
Address 0x25)................................................ 37
Wave Select Register (WAV_CONFIG,
Address 0x27)................................................ 38
DAC Time Control Register
(PAT_TIMEBASE, Address 0x28).................. 38
Pattern Period Register (PAT_PERIOD,
Address 0x29)................................................ 38
DAC Pattern Repeat Cycles Register
(DAC_PAT, Address 0x2B).............................39
TRIGGER Start to DOUT Signal Register
(DOUT_START, Address 0x2C)..................... 39
DOUT Configuration Register
(DOUT_CONFIG, Address 0x2D).................. 39
DAC Constant Value Register (DAC_CST,
Address 0x31)................................................ 39
DAC Digital Gain Register (DAC_DGAIN,
Address 0x35)................................................ 39
DAC Sawtooth Configuration Register
(SAW_CONFIG, Address 0x37).....................40
DDS Tuning Word MSB Register
(DDS_TW32, Address 0x3E)......................... 40
DDS Tuning Word LSB Register
(DDS_TW1, Address 0x3F)............................40
DDS Phase Offset Register (DDS_PW,
Address 0x43)................................................ 40
Pattern Control 1 Register (TRIG_TW_SEL,
Address 0x44)................................................ 40
Pattern Control 2 Register (DDS_CONFIG,
Address 0x45)................................................ 41
TW_RAM_CONFIG Register
(TW_RAM_CONFIG, Address 0x47)............. 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com