Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9915 Datasheet HTML 28Page - Analog Devices AD9915 Datasheet HTML 29Page - Analog Devices AD9915 Datasheet HTML 30Page - Analog Devices AD9915 Datasheet HTML 31Page - Analog Devices AD9915 Datasheet HTML 32Page - Analog Devices AD9915 Datasheet HTML 33Page - Analog Devices AD9915 Datasheet HTML 34Page - Analog Devices AD9915 Datasheet HTML 35Page - Analog Devices AD9915 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Data Sheet
AD9915
PROGRAMMING AND FUNCTION PINS
analog.com
Rev. G | 32 of 51
Figure 41. Parallel Port Block Diagram
The 32-pin parallel port of the AD9915 works in conjunction with an
independent set of four function pins that control the functionality of
the parallel port. The 32 pins of the parallel port constitute a 32-bit
word designated by Bits[31:0] (31 indicating the most significant
bit (MSB) and 0 indicating the least significant bit (LSB)), with the
four function pins designated as F[3:0]. The relationship between
the function pins, the 32-pin parallel port, the internal programming
registers, and the DDS control parameters (frequency, phase, and
amplitude) is illustrated in Figure 41. Note that the parallel port
operates in three different modes as defined by the function pins.
The parallel mode is in effect when the logic levels applied to the
function pins are F[3:0] = 0000. This allows the parallel port to
function as a parallel interface providing access to all of the device
programming registers. In parallel mode, the 32-pin port (Bits[31:0])
is subdivided into three groups with Bits[31:16] constituting 16 data
bits, Bits[15:8] constituting eight address bits, and Bits[2:0] consti-
tuting three control bits. The address bits target a specific device
register, whereas the data bits constitute the register content. The
control bits establish read or write functionality as well as set the
width of the data bus. That is, the user can select whether the
data bus spans 16 bits (Bits[31:16]) or eight bits (Bits[23:16]). The
parallel mode allows the user to write to the device registers at
rates of up to 200 MBps using 16‑bit data (or 100 MBps using 8-bit
data).
The serial mode is in effect when the logic levels applied to the
function pins are F[3:0] = 0001. This allows the parallel port to
function as a serial interface providing access to all of the device
programming registers. In this mode, only five pins of the 32‑pin
parallel port are functional (Bits[4:0]). These pins provide chip
select (CS), serial clock (SCLK), and input/output synchronization
(SYNCIO) functionality for the serial interface, as well as two serial
data lines (SDO and SDIO). The serial mode supports data rates of
up to 80 Mbps for write operations (read operations are constrained
to <3Mbps).
When the logic levels applied to the function pins are F[3:0] =
0010 to 1101 (note that 1110 and 1111 are unused), the parallel
port functions as a high speed interface with direct access to the
32-bit frequency, 16-bit phase, and 12-bit amplitude parameters
of the DDS core. The table in Figure 41 shows the segmentation
of the 32-pin parallel port by identifying Bits[31:0] with the frequen-
cy (FTW[31:0]), phase (POW[15:0]), and amplitude (AMP[15:0])
parameters of the DDS. Note, however, that although AMP[15:0]
indicate 16-bit resolution, the actual amplitude resolution is 12
bits. Therefore, only AMP[11:0] provide amplitude control (that is,
AMP[15:12] are not used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com