Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 2 Page - Analog Devices

  AD9915 Datasheet HTML 1Page - Analog Devices AD9915 Datasheet HTML 2Page - Analog Devices AD9915 Datasheet HTML 3Page - Analog Devices AD9915 Datasheet HTML 4Page - Analog Devices AD9915 Datasheet HTML 5Page - Analog Devices AD9915 Datasheet HTML 6Page - Analog Devices AD9915 Datasheet HTML 7Page - Analog Devices AD9915 Datasheet HTML 8Page - Analog Devices AD9915 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Data Sheet
AD9915
TABLE OF CONTENTS
analog.com
Rev. G | 2 of 51
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................4
Specifications........................................................ 5
DC Specifications............................................... 5
AC Specifications............................................... 6
Absolute Maximum Ratings...................................9
Thermal Performance.........................................9
ESD Caution.......................................................9
Pin Configuration and Function Descriptions...... 10
Typical Performance Characteristics................... 12
Equivalent Circuits...............................................16
Theory of Operation.............................................17
Single Tone Mode.............................................17
Profile Modulation Mode...................................17
Digital Ramp Modulation Mode........................ 17
Parallel Data Port Modulation Mode.................17
Programmable Modulus Mode......................... 18
Mode Priority.................................................... 18
Functional Block Detail........................................ 20
DDS Core.........................................................20
12-Bit DAC Output............................................21
DAC Calibration Output....................................21
Reconstruction Filter........................................ 21
Clock Input (REF_CLK/REF_CLK)...................22
Output Shift Keying (OSK)............................... 23
Digital Ramp Generator (DRG)........................ 24
Power-Down Control........................................ 29
Programming and Function Pins......................... 31
Serial Programming.............................................34
Control Interface—Serial Input/Output............. 34
General Serial Input/Output Operation.............34
Instruction Byte.................................................34
Serial Input/Output Port Pin Descriptions.........34
Serial Input/Output Timing Diagrams............... 35
MSB/LSB Transfers..........................................35
Parallel Programming (8-/16-Bit)......................... 36
Multiple Chip Synchronization............................. 37
Register Map and Bit Descriptions...................... 40
Register Bit Descriptions.................................. 44
Outline Dimensions............................................. 51
Ordering Guide.................................................51
Evaluation Boards............................................ 51
REVISION HISTORY
6/2022—Rev. F to Rev. G
Changes to Base DDS Power, PLL Disabled Parameter and Base DDS Power, PLL Enabled
Parameter, Table 1.........................................................................................................................................5
Changes to SCLK Clock Rate (1/tCLK) Parameter and Data Latency (Pipeline Delay) Parameter, Table 2.... 6
Changes to Table 5........................................................................................................................................10
Change to Figure 6 Caption and Figure 12 Caption...................................................................................... 12
Change to Figure 22...................................................................................................................................... 15
Change to Profile Modulation Mode Section..................................................................................................17
Changes to Digital Ramp Modulation Mode Section..................................................................................... 17
Changes to Parallel Data Clock (SYNC_CLK) Section..................................................................................17
Changes to Programmable Modulus Mode Section...................................................................................... 18
Changes to Reconstruction Filter Section......................................................................................................21
Changes to REF_CLK/REF_CLK Overview Section and Figure 32.............................................................. 22
Changes to Direct Driven REF_CLK/REF_CLK Section............................................................................... 22
Changes to Phase-Locked Loop (PLL) Multiplier Section............................................................................. 22
Changes to PLL Lock Indication Section....................................................................................................... 23
Changes to DRG Overview Section and Table 9........................................................................................... 24
Added Table 10; Renumbered Sequentially...................................................................................................24
Changes to DRG Slope Control Section........................................................................................................25
Changes to DRG Limit Control Section......................................................................................................... 26
Changes to Figure 38.................................................................................................................................... 26
Changes to No-Dwell Ramp Generation Section...........................................................................................27
Changes to Figure 39.................................................................................................................................... 28
Changes to DROVER Pin Section................................................................................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com