Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9915 Datasheet HTML 16Page - Analog Devices AD9915 Datasheet HTML 17Page - Analog Devices AD9915 Datasheet HTML 18Page - Analog Devices AD9915 Datasheet HTML 19Page - Analog Devices AD9915 Datasheet HTML 20Page - Analog Devices AD9915 Datasheet HTML 21Page - Analog Devices AD9915 Datasheet HTML 22Page - Analog Devices AD9915 Datasheet HTML 23Page - Analog Devices AD9915 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 20 of 51
DDS CORE
The direct digital synthesizer (DDS) block generates a reference
signal (sine or cosine based on Register 0x00, Bit 16, the enable
sine output bit). The parameters of the reference signal (frequency,
phase, and amplitude) are applied to the DDS at the frequency,
phase offset, and amplitude control inputs, as shown in Figure 30.
The output frequency (fOUT) of the AD9915 is controlled by the
frequency tuning word (FTW) at the frequency control input to the
DDS. The relationship among fOUT, FTW, and fSYSCLK is given by
fOUT= FTW232 fSYSCLK
(1)
where FTW is a 32-bit integer ranging in value from 0 to
2,147,483,647 (231 − 1), which represents the lower half of the full
32-bit range. This range constitutes frequencies from dc to Nyquist
(that is, ½ fSYSCLK).
The FTW required to generate a desired value of fOUT is found by
solving Equation 1 for FTW, as given in Equation 2.
FTW=round 232 fOUTfSYSCLK
(2)
where the round(x) function rounds the argument (the value of
x) to the nearest integer. This is required because the FTW is
constrained to be an integer value. For example, for fOUT = 41 MHz
and fSYSCLK = 122.88 MHz, FTW = 1,433,053,867 (0x556AAAAB).
Programming an FTW greater than 231 produces an aliased image
that appears at a frequency given by
fOUT= 1−FTW232 fSYSCLK
for FTW ≥ 231.
The relative phase of the DDS signal can be digitally controlled by
means of a 16-bit phase offset word (POW). The phase offset is
applied prior to the angle to amplitude conversion block internal to
the DDS core. The relative phase offset (Δθ) is given by
Δθ= 2π POW216
360 POW216
where the upper quantity is for the phase offset expressed as
radian units and the lower quantity as degrees.
To find the POW value necessary to develop an arbitrary Δθ, solve
the preceding equation for POW and round the result (in a manner
similar to that described previously for finding an arbitrary FTW).
The relative amplitude of the DDS signal can be digitally scaled
(relative to full scale) by means of a 12-bit amplitude scale factor
(ASF). The amplitude scale value is applied at the output of the
angle to amplitude conversion block internal to the DDS core. The
amplitude scale is given by
AmplitudeScale= ASF21220log ASF212
(3)
where the upper quantity is amplitude expressed as a fraction of full
scale and the lower quantity is expressed in decibels relative to full
scale.
To find the ASF value necessary for a particular scale factor, solve
Equation 3 for ASF and round the result (in a manner similar to that
described previously for finding an arbitrary FTW).
When the AD9915 is programmed to modulate any of the DDS
signal control parameters, the maximum modulation sample rate
is 1/16 fSYSCLK. This means the modulation signal exhibits images
at multiples of 1/16 fSYSCLK. The impact of these images must be
considered when using the device as a modulator.
Figure 30. DDS Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com