Electronic Components Datasheet Search
  English  ▼

X  

AD9956 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9956
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956 Datasheet(HTML) 2 Page - Analog Devices

  AD9956 Datasheet HTML 1Page - Analog Devices AD9956 Datasheet HTML 2Page - Analog Devices AD9956 Datasheet HTML 3Page - Analog Devices AD9956 Datasheet HTML 4Page - Analog Devices AD9956 Datasheet HTML 5Page - Analog Devices AD9956 Datasheet HTML 6Page - Analog Devices AD9956 Datasheet HTML 7Page - Analog Devices AD9956 Datasheet HTML 8Page - Analog Devices AD9956 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD9956
Rev. B | Page 2 of 32
TABLE OF CONTENTS
Product Overview............................................................................. 3
Specifications .................................................................................... 4
Loop Measurement Conditions ................................................. 9
Absolute Maximum Ratings ......................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions .......................... 11
Typical Performance Characteristics........................................... 13
Typical Application Circuits......................................................... 16
Application Circuit Explanations ............................................ 17
General Description....................................................................... 18
DDS Core .................................................................................... 18
PLL Circuitry .............................................................................. 18
CML Driver................................................................................. 19
Modes of Operation....................................................................... 20
DDS Modes of Operation ......................................................... 20
Synchronization Modes for Multiple Devices ............................. 20
Serial Port Operation..................................................................... 22
Instruction Byte.......................................................................... 23
Serial Interface Port Pin Description ...................................... 23
MSB/LSB Transfers.................................................................... 23
Register Map and Description...................................................... 24
Control Function Register Descriptions................................. 27
Outline Dimensions....................................................................... 32
Ordering Guide .......................................................................... 32
REVISION HISTORY
8/2020—Rev. A to Rev. B
Changes to Figure 3........................................................................ 11
Updated Outline Dimensions....................................................... 32
Changes to Ordering Guide.......................................................... 32
9/2004—Rev. 0 to Rev. A
Changes to the Pin Configuration ............................................... 11
Changes to the Pin Function Descriptions................................. 12
Changes to Table 5 ......................................................................... 24
Changes to CFR2<15:12> PLLREF Divider
Control Bits (÷N) ........................................................................... 31
Changes to CFR2<11:8> PLLREF Divider
Control Bits (÷M)........................................................................... 31
Changes to Ordering Guide.......................................................... 32
7/2004—Revision: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com