Electronic Components Datasheet Search
  English  ▼

X  

AD9956 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9956
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956 Datasheet(HTML) 3 Page - Analog Devices

  AD9956 Datasheet HTML 1Page - Analog Devices AD9956 Datasheet HTML 2Page - Analog Devices AD9956 Datasheet HTML 3Page - Analog Devices AD9956 Datasheet HTML 4Page - Analog Devices AD9956 Datasheet HTML 5Page - Analog Devices AD9956 Datasheet HTML 6Page - Analog Devices AD9956 Datasheet HTML 7Page - Analog Devices AD9956 Datasheet HTML 8Page - Analog Devices AD9956 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9956
Rev. B | Page 3 of 32
PRODUCT OVERVIEW
The AD9956 is Analog Devices’ newest AgileRF synthesizer.
The device is comprised of DDS and PLL circuitry. The DDS
features a 14-bit DAC operating at up to 400 MSPS and a 48-bit
frequency tuning word (FTW). The PLL circuitry includes a
phase frequency detector with scaleable 200 MHz inputs
(divider inputs operate up to 655 MHz) and digital control over
the charge pump current. The device also includes a 655 MHz
CML-mode PECL-compliant driver with programmable slew
rates. The AD9956 uses advanced DDS technology, an internal
high speed, high performance DAC, and an advanced phase
frequency detector/charge pump combination, which, when
used with an external VCO, enables the synthesis of digitally
programmable, frequency-agile analog output sinusoidal wave-
forms up to 2.7 GHz. The AD9956 is designed to provide fast
frequency hopping and fine tuning resolution (48-bit frequency
tuning word). Information is loaded into the AD9956 via a
serial I/O port that has a device write-speed of 25 Mb/s. The
AD9956 DDS block also supports a user-defined linear sweep
mode of operation.
The AD9956 is specified to operate over the extended
automotive range of −40°C to +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com