Electronic Components Datasheet Search
  English  ▼

X  

AD9956 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9956
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9956 Datasheet HTML 24Page - Analog Devices AD9956 Datasheet HTML 25Page - Analog Devices AD9956 Datasheet HTML 26Page - Analog Devices AD9956 Datasheet HTML 27Page - Analog Devices AD9956 Datasheet HTML 28Page - Analog Devices AD9956 Datasheet HTML 29Page - Analog Devices AD9956 Datasheet HTML 30Page - Analog Devices AD9956 Datasheet HTML 31Page - Analog Devices AD9956 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9956
Rev. B | Page 29 of 32
CFR1<3> = 0 (default). The automatic synchronization func-
tion of the DDS core is disabled.
CFR1<3> = 1. The automatic synchronization function is on.
The device is slaved to an external reference and adjusts the
internal SYNC_CLK to match the external reference, which is
supplied on the SYNC_IN input.
CFR1<2> Software Manual Synchronization
Rather than relying on the part to automatically synchronize
the internal clocks, the user can program the part to advance
the internal SYNC_CLK one system clock cycle. This bit is self
clearing and can be set multiple times.
CFR1<2> = 0 (default). The SYNC_CLK stays in the current
timing relationship to SYSCLK.
CFR1<2> = 1. The SYNC_CLK advances the rising and falling
edges by one SYSCLK cycle. This bit is then self-cleared.
CFR1<1> Hardware Manual Synchronization
Similar to the software manual synchronization (CFR1<2>),
this function enables the user to advance the SYNC_CLK rising
edge by one system clock period. This bit enables the
PLL_LOCK/SYNC_IN pin as a digital input. Once enabled,
every rising edge on the SYNC_IN input advances the
SYNC_CLK by one SYSCLK period. While enabled, the
PLL_LOCK signal is not available on an external pin. However,
loop out-of-lock events trigger a flag in the control register
(CFR1<24>).
CFR1<1> = 0 (default). The hardware manual synchronization
function is disabled. Either the part is outputting the
PLL_LOCK (CFR1<3> = 0), or it is using the SYNC_IN to slave
the SYNC_CLK signal to an external reference provided on
SYNC_IN (CFR1<3> = 1).
CFR1<1> = 1. PLL_LOCK/SYNC_IN is set as a digital input.
Each subsequent rising edge on this pin advances the
SYNC_CLK rising edge by one SYSCLK period.
CFR1<0> High Speed Synchronization Enable Bit
This bit enables extra functionality in the auto synchronization
algorithm, which enables the device to synchronize high speed
clocks (SYNC_CLK > 62.5 MHz).
CFR1<0> = 0 (default). High speed synchronization is disabled.
CFR1<0> = 1. High speed synchronization is enabled.
Control Function Register 2 (CFR2)
This control register is comprised of five bytes, which must be
written during a write operation involving CFR2. With some
minor exceptions, the CFR2 primarily controls analog and tim-
ing functions on the AD9956.
CFR2<39> DAC Power-Down Bit
This bit powers down the DAC portion of the AD9956 and puts
it into the lowest power dissipation state.
CFR2<39> = 0 (default). DAC is powered on and operating.
CFR2<39> = 1. DAC is powered down and the output is in a
high impedance state.
CFR2<38> to CFR2<34> Open
Unused locations. Write a Logic 0.
CFR2<33> Internal Band Gap Power-Down
To shut off all internal quiescent current, the band gap needs to
be powered down. This is normally not done because it takes a
long time (~10 ms) for the band gap to power up and settle to
its final value.
CFR2<33> = 0. Even when all other sections are powered
down, the band gap is powered up and is providing a regulated
voltage.
CFR2<33> = 1. The band gap is powered down.
CFR2<32> Internal CML Driver DRV_RSET
To program the CML driver’s output current, a resistor
must be placed between the DRV_RSET pin and ground. This
bit enables an internal resistor to program the output current of
the driver.
CFR2<32> = 0 (default). The DRV_RSET pin is enabled,
and an external resistor must be attached to the CP_RSET pin
to program the output current.
CFR2<32> = 1. The CML current is programmed by the inter-
nal resistor and ignores the resistor on the DRV_REST pin.
CFR2<31:29> Clock Driver Rising Edge
These bits control the slew rate of the CML clock driver out-
put’s rising edge. When these bits are on, additional current is
sent to the output driver to increase the rising edge slew rate
capability; the contributions of each bit are cumulative. Table 6
describes how the bits increase the current. Note that the addi-
tional current is on only during the rising edge of the waveform
for approximately 250 ps, but not on during the entire transi-
tion.
Table 6. CML Clock Driver Rising Edge Slew Rate
Control Bits and Associated Surge Current
CFR2<31> = 1
7.6 mA
CFR2<30> = 1
3.8 mA
CFR2<29> = 1
1.9 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com