Electronic Components Datasheet Search
  English  ▼

X  

DAC-08ENG Datasheet(PDF) 5 Page - ON Semiconductor

Part # DAC-08ENG
Description  8?묪it High?뭆peed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ENG Datasheet(HTML) 5 Page - ON Semiconductor

  DAC-08ENG Datasheet HTML 1Page - ON Semiconductor DAC-08ENG Datasheet HTML 2Page - ON Semiconductor DAC-08ENG Datasheet HTML 3Page - ON Semiconductor DAC-08ENG Datasheet HTML 4Page - ON Semiconductor DAC-08ENG Datasheet HTML 5Page - ON Semiconductor DAC-08ENG Datasheet HTML 6Page - ON Semiconductor DAC-08ENG Datasheet HTML 7Page - ON Semiconductor DAC-08ENG Datasheet HTML 8Page - ON Semiconductor DAC-08ENG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
DAC−08C
DAC−08E
DAC−08H
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Settling Time
tS
To
"1/2LSB, All
Bits Switched On or
Off, Tamb = 25°C
−
70
135
−
70
135
−
70
135
ns
Propagation Delay
ns
Low-to-High
tPLH
Tamb = 25°C,
Each Bit
High-to-Low
tPHL
All Bits Switched
−
35
60
−
35
60
−
35
60
TEST CIRCUITS
CONTROL
LOGIC
DAC-08
REFERENCE DAC
ACCURACY > 0.006%
NE5534
ERROR
OUTPUT
V−
V+
−
+
16
14
15
5-12
1
2
4
13
3
VREF
RREF
Rf
R15
Figure 2. Relative Accuracy Test Circuit
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
USE RL to GND
FOR TURN OFF
MEASUREMENT
SETTLING TIME
TRANSIENT
RESPONSE
eIN
2.4 V
0.4 V
1.0 V
0
0
-100 mV
1.4 V
RL = 500 W
RL = 50 W
PIN 4 TO GND
tS = 70 ns TYPICAL
TO
±1/2 LSB
tPHL = tPLH = 10 ns
tPHL
tPLH
CO ≤ 25 pF
15 pF
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
eIN
eO
0.1
mF
0.1
mF
0.1
mF
RL
+2.0 VDC
1.0 k
W
1.0 k
W
51
W
Figure 3. Transient Response and Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com