Electronic Components Datasheet Search
  English  ▼

X  

DAC-08ENG Datasheet(PDF) 1 Page - ON Semiconductor

Part # DAC-08ENG
Description  8?묪it High?뭆peed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ENG Datasheet(HTML) 1 Page - ON Semiconductor

  DAC-08ENG Datasheet HTML 1Page - ON Semiconductor DAC-08ENG Datasheet HTML 2Page - ON Semiconductor DAC-08ENG Datasheet HTML 3Page - ON Semiconductor DAC-08ENG Datasheet HTML 4Page - ON Semiconductor DAC-08ENG Datasheet HTML 5Page - ON Semiconductor DAC-08ENG Datasheet HTML 6Page - ON Semiconductor DAC-08ENG Datasheet HTML 7Page - ON Semiconductor DAC-08ENG Datasheet HTML 8Page - ON Semiconductor DAC-08ENG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 1
1
Publication Order Number:
DAC−08/D
DAC−08 SERIES
8−Bit High−Speed
Multiplying D/A Converter
The DAC-08 series of 8-bit monolithic multiplying Digital-to-
Analog Converters provide very high-speed performance coupled
with low cost and outstanding applications flexibility.
Advanced circuit design achieves 70 ns settling times with very
low glitch and at low power consumption. Monotonic multiplying
performance is attained over a wide 20-to-1 reference current range.
Matching to within 1 LSB between reference and full-scale currents
eliminates the need for full-scale trimming in most applications.
Direct interface to all popular logic families with full noise immunity
is provided by the high swing, adjustable threshold logic inputs.
Dual complementary outputs are provided, increasing versatility
and enabling differential operation to effectively double the peak-to-
peak output swing. True high voltage compliance outputs allow
direct output voltage conversion and eliminate output op amps in
many applications.
All DAC-08 series models guarantee full 8-bit monotonicity and
linearities as tight as 0.1% over the entire operating temperature
range. Device performance is essentially unchanged over the
"4.5 V to "18 V power supply range, with 37 mW power
consumption attainable at
"5.0 V supplies.
The compact size and low power consumption make the DAC-08
attractive for portable and military aerospace applications.
Features
• Fast Settling Output Current − 70 ns
• Full-Scale Current Prematched to "1.0 LSB
• Direct Interface to TTL, CMOS, ECL, HTL, PMOS
• Relative Accuracy to 0.1% Maximum Overtemperature Range
• High Output Compliance −10 V to +18 V
• True and Complemented Outputs
• Wide Range Multiplying Capability
• Low FS Current Drift − "10ppm/°C
• Wide Power Supply Range − "4.5 V to "18 V
• Low Power Consumption − 37 mW at "5.0 V
• Pb−Free Packages are Available*
Applications
• 8-Bit, 1.0 ms A-to-D Converters
• Servo-Motor and Pen Drivers
• Waveform Generators
• Audio Encoders and Attenuators
• Analog Meter Drivers
• Programmable Power Supplies
• CRT Display Drivers
• High-Speed Modems
• Other Applications where Low Cost, High Speed and Complete
Input/Output Versatility are Required
• Programmable Gain and Attenuation
• Analog-Digital Multiplication
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−16
D SUFFIX
CASE 751B
PDIP−16
N SUFFIX
CASE 648
16
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
N Package
D Package*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
VLC
IO
V−
IO
B1 (MSB)
B2
B3
B4
COMPEN
VREF−
VREF+
V+
B8 (LSB)
B7
B6
B5
V+
VREF+
VREF−
COMPEN
VLC
IO
V−
IO
B8 (LSB)
B7
B6
B5
B4
B3
B2
B1 (MSB)
(Top View)
(Top View)
*SO and non−standard pinouts.
See general marking information in the device marking
section on page 13 of this data sheet.
DEVICE MARKING INFORMATION
16
1


Similar Part No. - DAC-08ENG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08EN PHILIPS-DAC-08EN Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Similar Description - DAC-08ENG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com