Electronic Components Datasheet Search
  English  ▼

X  

DAC-08ENG Datasheet(PDF) 4 Page - ON Semiconductor

Part # DAC-08ENG
Description  8?묪it High?뭆peed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ENG Datasheet(HTML) 4 Page - ON Semiconductor

  DAC-08ENG Datasheet HTML 1Page - ON Semiconductor DAC-08ENG Datasheet HTML 2Page - ON Semiconductor DAC-08ENG Datasheet HTML 3Page - ON Semiconductor DAC-08ENG Datasheet HTML 4Page - ON Semiconductor DAC-08ENG Datasheet HTML 5Page - ON Semiconductor DAC-08ENG Datasheet HTML 6Page - ON Semiconductor DAC-08ENG Datasheet HTML 7Page - ON Semiconductor DAC-08ENG Datasheet HTML 8Page - ON Semiconductor DAC-08ENG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (continued) Pin 3 must be at least 3.0 V more negative than the potential to which R15 is
returned. VCC = +15 V , IREF = 2.0 mA. Output characteristics refer to both IOUT and IOUT unless otherwise noted. Tamb = 0°C to 70°C.
Characteristic
Symbol
Test Conditions
DAC−08H
Unit
Min
Typ
Max
Resolution
−
−
8.0
8.0
8.0
Bits
Monotonicity
8.0
8.0
8.0
Relative Accuracy
−
Overtemperature Range
−
−
"0.1
%FS
Differential Non-Linearity
−
−
"0.19
%FS
Full-Scale Tempco
TCIFS
−
−
"10
"50
ppm/
°C
Output Voltage Compliance
VOC
Full-Scale Current Change 1/2LSB
−10
−
+18
V
Full-Scale Current
IFS4
VREF = 10.000 V, R14,
R15 = 5.000 kW
1.984
1.992
2.000
mA
Full-Scale Symmetry
IFSS
IFS4−IFS2
−
"1.0
"4.0
mA
Zero-Scale Current
IZS
−
−
0.2
1.0
mA
Full-Scale Output Current Range
IFSR
R14, R15 = 5.000 kW
VREF = +15 V, V− = −10 V
2.1
−
−
mA
VREF = +25 V, V−=−12 V
4.2
−
−
mA
Logic Input Levels
VLC = 0 V
V
Low
VIL
−
−
0.8
High
VIH
2.0
−
−
Logic Input Current
VLC = 0 V
mA
Low
IIL
VIN = −10 V to +0.8 V
−
−2.0
−10
High
IIH
VIN = 2.0 V to 18 V
−
0.002
10
Logic Input Swing
VIS
V− = −15 V
−10
−
+18
V
Logic Threshold Range
VTHR
VS = "15 V
−10
−
+13.5
V
Reference Bias Current
I15
−
−
−1.0
−3.0
mA
Reference Input Slew Rate
dl/dt
−
4.0
8.0
−
mA/
ms
Power Supply Sensitivity
IREF = 1.0 mA
Positive
PSSIFS+
V+ = 4.5 to 5.5 V, V− = −15 V;
V+ = 13.5 to 16.5 V, V− = −15 V
−
0.0003
0.01
%FS/%VS
Negative
PSSIFS−
V− = −4.5 to −5.5 V, V+ = +15 V;
V− = −13.5 to −16.5 V, V+ = +15 V
−
0.002
0.01
%FS/%VS
Power Supply Current
mA
Positive
I+
VS = "5.0 V, IREF = 1.0 mA
−
3.1
3.8
Negative
I−
−
−4.3
−5.8
Positive
I+
VS = +5.0 V, −15 V, IREF = 2.0 mA
−
3.1
3.8
Negative
I−
−
−7.1
−7.8
Positive
I+
VS = "15 V, IREF = 2.0 mA
−
3.2
3.8
Negative
I−
−
−7.2
−7.8
Power Dissipation
PD
"5.0 V, IREF = 1.0 mA
−
37
48
mW
+5.0 V, −15 V, IREF = 2.0 mA
−
122
136
"15 V, IREF = 2.0 mA
−
156
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com