Electronic Components Datasheet Search
  English  ▼

X  

TDA8580J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8580J
Description  Multi-purpose power amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8580J Datasheet HTML 9Page - NXP Semiconductors TDA8580J Datasheet HTML 10Page - NXP Semiconductors TDA8580J Datasheet HTML 11Page - NXP Semiconductors TDA8580J Datasheet HTML 12Page - NXP Semiconductors TDA8580J Datasheet HTML 13Page - NXP Semiconductors TDA8580J Datasheet HTML 14Page - NXP Semiconductors TDA8580J Datasheet HTML 15Page - NXP Semiconductors TDA8580J Datasheet HTML 16Page - NXP Semiconductors TDA8580J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2000 Apr 18
13
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
handbook, halfpage
048
16
40
30
10
0
20
MGS711
12
Po (W)
Pd
(W)
fi = 1 kHz; RL =4 Ω; VP = 24 V; 4 channel driven.
Fig.17 Power dissipation as a function of output
power; SE mode.
handbook, halfpage
8
121620
40
30
10
0
20
MGS712
VP (V)
Po
(W)
(1)
(2)
Fig.18 Output power as a function of supply
voltage; BTL mode.
fi = 1 kHz; RL =4 Ω; 2 channel driven.
(1) THD = 10%.
(2) THD = 0.5%.
handbook, halfpage
812
16
24
40
30
10
0
20
MGS713
20
VP (V)
Po
(W)
(1)
(2)
Fig.19 Output power as a function of supply
voltage; BTL mode.
fi = 1 kHz; RL =8 Ω; 2 channel driven.
(1) THD = 10%.
(2) THD = 0.5%
handbook, halfpage
812
16
24
16
12
4
0
8
MGS714
20
VP (V)
Po
(W)
(1)
(2)
Fig.20 Output power as a function of supply
voltage; SE mode.
fi = 1 kHz; RL =4 Ω; 2 channel driven.
(1) THD = 0.5%.
(2) THD = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com