Electronic Components Datasheet Search
  English  ▼

X  

TDA8580J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8580J
Description  Multi-purpose power amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8580J Datasheet HTML 1Page - NXP Semiconductors TDA8580J Datasheet HTML 2Page - NXP Semiconductors TDA8580J Datasheet HTML 3Page - NXP Semiconductors TDA8580J Datasheet HTML 4Page - NXP Semiconductors TDA8580J Datasheet HTML 5Page - NXP Semiconductors TDA8580J Datasheet HTML 6Page - NXP Semiconductors TDA8580J Datasheet HTML 7Page - NXP Semiconductors TDA8580J Datasheet HTML 8Page - NXP Semiconductors TDA8580J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2000 Apr 18
3
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
8.0
14.4
24
V
Iq(tot)
total quiescent current
VP = 14.4 V
−
140
170
mA
Istb
standby supply current
VP = 14.4 V
−
150
µA
Bridge-tied load application
Gv
voltage gain
31
32
33
dB
Po
output power
THD = 0.5%; VP = 14.4 V; RL =4 Ω
14
15
−
W
THD = 0.5%; VP = 24 V; RL =8 Ω
21
23
−
W
THD
total harmonic distortion
fi = 1 kHz; Po = 1 W; VP = 14.4 V;
RL =4 Ω
−
0.05
0.1
%
fi = 1 kHz; Po = 10 W; VP =24V;
RL =8 Ω
−
0.02
0.05
%
Voffset(DC)
DC output offset voltage
VP = 14.4 V; mute condition; RL =4 Ω−
10
20
mV
VP = 14.4 V; on condition
−
0
140
mV
Vno
noise output voltage
Rs =1kΩ; VP = 14.4 V
−
100
150
µV
SVRR
supply voltage ripple rejection
fi = 1 kHz; Vripple(p-p) = 2 V; on or mute
condition; Rs =0 Ω
50
60
−
dB
Single-ended application
Gv
voltage gain
25
26
27
dB
Po
output power
THD = 0.5%; VP = 14.4 V; RL =4 Ω
3.8
4.0
−
W
THD = 0.5%; VP = 24 V; RL =4 Ω
10.5
11.5
−
W
Voffset(DC)
DC output offset voltage
VP = 14.4 V; mute condition; RL =4 Ω−
10
20
mV
VP = 14.4 V; on condition
−
0
100
mV
Vno
noise output voltage
Rs =1kΩ; VP = 14.4 V
−
80
120
µV
SVRR
supply voltage ripple rejection
fi = 1 kHz; Vripple(p-p) = 2 V; on or mute
condition; Rs =0 Ω
40
45
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com