Electronic Components Datasheet Search
  English  ▼

X  

TDA8580J Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8580J
Description  Multi-purpose power amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8580J Datasheet HTML 17Page - NXP Semiconductors TDA8580J Datasheet HTML 18Page - NXP Semiconductors TDA8580J Datasheet HTML 19Page - NXP Semiconductors TDA8580J Datasheet HTML 20Page - NXP Semiconductors TDA8580J Datasheet HTML 21Page - NXP Semiconductors TDA8580J Datasheet HTML 22Page - NXP Semiconductors TDA8580J Datasheet HTML 23Page - NXP Semiconductors TDA8580J Datasheet HTML 24Page - NXP Semiconductors TDA8580J Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2000 Apr 18
21
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
handbook, full pagewidth
MGS699
(3)
OUT1
+
1
IN1
7
(1)
OUT2
−
4
IN2
inputs
VP
Vswitching
(9 V typical)
8
315
216
OUT3
−
14
IN3
10
OUT4
+
+5 V
17
IN4
11
BUFFER
9
IN5
12
DIAG
PGND2
PGND1
6
STANDBY
SW1
5
R2
15 k
Ω
(3)
R1
45 k
Ω
2
Ω(2)
10 k
Ω
1000
µF
100
µF
4.7
µF
100 nF
220 nF(2)
TDA8580J
VP1
VP2
Fig.31 Application 1; supply voltage range 8 V < VP ≤ 18 V; 1-pin and 2-pin operation.
(1) Load conditions: quad SE (4 x 4
Ω), or dual BTL (2 x 8 Ω), or dual SE (2 x 4 Ω) and one BTL (1 x 8 Ω).
(2) RC combination not required in BTL mode.
(3) R1 and R2 values depend on Vswitching applied; the value of R1 and R2 connected in parallel should be minimum 10 kΩ.
handbook, full pagewidth
MGS697
(3)
OUT1
+
1
IN1
7
(1)
OUT2
−
4
IN2
inputs
VP
Vswitching
(9 V typical)
8
3
VP1
VP2
15
216
OUT3
−
14
IN3
10
OUT4
+
17
IN4
11
BUFFER
9
IN5
12
MUTE
13
DIAG
PGND2
PGND1
3.6 V
6
STANDBY
5
R2
15 k
Ω
(3)
R1
45 k
Ω
2
Ω(2)
1000
µF
100
µF
4.7
µF
100 nF
220 nF(2)
TDA8580J
SW1
Fig.32 Application 2; supply voltage range 18 V < VP ≤ 24 V; 1-pin operation.
(1) Load conditions: quad SE (4 x 4
Ω), or dual BTL (2 x 8 Ω), or dual SE (2 x 4 Ω) and one BTL (1 x 8 Ω).
(2) RC combination not required in BTL mode.
(3) R1 and R2 values depend on Vswitching applied; the value of R1 and R2 connected in parallel should be minimum 10 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com