Electronic Components Datasheet Search
  English  ▼

X  

TC1271ARBVRCTR Datasheet(PDF) 24 Page - Microchip Technology

Part # TC1271ARBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ARBVRCTR Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC1271ARBVRCTR Datasheet HTML 20Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 21Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 22Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 23Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 24Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 25Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 26Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 27Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 24
© 2007 Microchip Technology Inc.
5.4
Modifying The Trip Point, VTRIP
Although the TC127XA device has a fixed voltage trip
point (VTRIP), it is sometimes necessary to make
custom adjustments. This can be accomplished by
connecting an external resistor divider to the TC127XA
VDD pin. This causes the VSOURCE voltage to be at a
higher voltage than when the TC127XA input equals
it’s VTRIP voltage (Figure 5-5).
To maintain detector accuracy, the bleeder current
through the divider should be significantly higher than
the 15 µA maximum operating current required by the
TC127XA. A reasonable value for this bleeder current
is 1 mA (67 times the 10 µA required by the TC127XA).
For example, if VTRIP = 2V and the desired trip point is
2.5V, the value of R1 + R2 is 2.5 kΩ (2.5V/1 mA). The
value of R1 + R2 can be rounded to the nearest stan-
dard value and plugged into the equation of Figure 5-5
to calculate values for R1 and R2. 1% tolerance resis-
tors are recommended.
FIGURE 5-5:
Modify Trip-Point using
External Resistor Divider.
5.5
MOSFET Low-Drive Protection
Low operating power and small physical size make the
TC1270AN series ideal for many voltage detector
applications. Figure 5-6 shows a low-voltage gate drive
protection circuit that prevents overheating of the
logic-level MOSFET due to insufficient gate voltage.
When the input signal is below the threshold of the
TC1270AN, its output grounds the gate of the
MOSFET.
FIGURE 5-6:
MOSFET Low-Drive
Protection.
TC127XA
VDD
RST
VSS
R1
VSOURCE
R2
or RST
V
SOURCE
R
1
R
1
R
2
+
--------------------
×
V
TRIP
=
Where:
Note:
In this example, VSOURCE must be
greater than (VTRIP).
VSOURCE = Voltage to be monitored
VTRIP = Threshold Voltage setting
VDD
RST
VSS
TC1270AN
270
Ω (1)
MTP3055EL
VDD
RL
VTRIP
Note 1:
This resistance needs to be properly
sized for the selected Trip point voltage
related to the VOL operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com