Electronic Components Datasheet Search
  English  ▼

X  

TC1271ARBVRCTR Datasheet(PDF) 37 Page - Microchip Technology

Part # TC1271ARBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ARBVRCTR Datasheet(HTML) 37 Page - Microchip Technology

Back Button TC1271ARBVRCTR Datasheet HTML 32Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 33Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 34Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 35Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 36Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 37Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 38Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 39Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 37
TC1270A//70AN/71A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1270A:
Voltage Supervisor with Manual Reset
TC1270AN: Voltage Supervisor with Manual Reset
TC1271A:
Voltage Supervisor with Manual Reset
VTRIP Options:
R
= 2.55V (min.) / 2.63V (typ.) / 2.70V (max.)
S
= 2.85V (min.) / 2.93V (typ.) / 3.00V (max.)
T
= 3.00V (min.) / 3.08V (typ.) / 3.15V (max.)
M
= 4.25V (min.) / 4.38V (typ.) / 4.50V (max.)
L
= 4.50V (min.) / 4.63V (typ.) / 4.75V (max.)
Time Out Options:
B
=
tRST = 2.19 ms (typ)
C=
tRST = 35 ms (typ)
“blank” =
tRST = 280 ms (typ)
Temperature Range: V
= -40°C to +125°C
Package:
CT = Plastic Small Outline Transistor, SOT-23, 5-lead
RC = Plastic Small Outline Transistor, SOT-143,
4-lead
Tape/Reel Option:
TR
= Tape and Reel
Examples:
a)
TC1270ASVCTTR:
2.85V min. / 2.93V typ. / 3.00V max.
voltage trip point,
Push-pull active low reset,
Reset Delay Timer = 280 ms,
5-LD SOT-23, Tape and Reel,
-40°C to +125°C
b)
TC1270ALVRCTR:
4.50V min. / 4.63V typ. / 4.75V max.
voltage trip point,
Push-pull active low reset,
Reset Delay Timer = 280 ms,
4-LD SOT-143, Tape and Reel,
-40°C to +125°C
c)
TC1270ANMBVCTTR:
4.25V min. / 4.38V typ. / 4.50V max.
Open-drain active low reset,
Reset Delay Timer = 2.19 ms,
5-Lead SOT-23, Tape and Reel,
-40°C to +125°C
d)
TC1270ANLCVCT:
4.50V min. / 4.63V typ. / 4.75V max.
Open-drain active low reset,
Reset Delay Timer = 35 ms,
5-Lead SOT-23,
-40°C to +125°C
e)
TC1271ARVCTTR:
2.55V min. / 2.63V typ. / 2.70V max.
voltage trip point,
Push-pull active high reset,
Reset Delay Timer = 280 ms,
5-LD SOT-23, Tape and Reel,
-40°C to +125°C
f)
TC1271ATVRCTR:
3.00V min. / 3.08V typ. / 3.15V max.
voltage trip point,
Push-pull active high reset,
Reset Delay Timer = 280 ms,
4-LD SOT-143, Tape and Reel,
-40°C to +125°C
PART NO.
XX
X
Temperature
VTRIP
Options
Device
Range
XX
Package
X
Tape/Reel
Option
X
Reset Delay
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com