Electronic Components Datasheet Search
  English  ▼

X  

TC1271ARBVRCTR Datasheet(PDF) 31 Page - Microchip Technology

Part # TC1271ARBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ARBVRCTR Datasheet(HTML) 31 Page - Microchip Technology

Back Button TC1271ARBVRCTR Datasheet HTML 27Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 28Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 29Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 30Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 31Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 32Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 33Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 34Page - Microchip Technology TC1271ARBVRCTR Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 31
TC1270A/70AN/71A
4-Lead Plastic Small Outline Transistor (RC) [SOT-143]
Notes:
1. § Significant Characteristic.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.25 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
4
Pitch
e
1.92 BSC
Lead 1 Offset
e1
0.20 BSC
Overall Height
A
0.80
–
1.22
Molded Package Thickness
A2
0.75
0.90
1.07
Standoff §
A1
0.01
–
0.15
Overall Width
E
2.10
–
2.64
Molded Package Width
E1
1.20
1.30
1.40
Overall Length
D
2.67
2.90
3.05
Foot Length
L
0.13
0.50
0.60
Footprint
L1
0.54 REF
Foot Angle
φ
0°
–
8°
Lead Thickness
c
0.08
–
0.20
Lead 1 Width
b1
0.76
–
0.94
Leads 2, 3 & 4 Width
b
0.30
–
0.54
D
e
e/2
N
E
E1
2
1
e1
A
A1
b2
A2
3X
b
c
L
L1
φ
Microchip Technology Drawing C04-031B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com