Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 5 Page - Analog Devices

  AD8028 Datasheet HTML 1Page - Analog Devices AD8028 Datasheet HTML 2Page - Analog Devices AD8028 Datasheet HTML 3Page - Analog Devices AD8028 Datasheet HTML 4Page - Analog Devices AD8028 Datasheet HTML 5Page - Analog Devices AD8028 Datasheet HTML 6Page - Analog Devices AD8028 Datasheet HTML 7Page - Analog Devices AD8028 Datasheet HTML 8Page - Analog Devices AD8028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
AD8027/AD8028
SPECIFICATIONS
analog.com
Rev. E | 5 of 27
Table 2. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Offset Current
AD8028W only: TMIN to TMAX
±0.1
±0.9
µA
Open-Loop Gain
VOUT = 1 V to 4 V, AD8028W only: TMIN to TMAX
96
105
dB
INPUT CHARACTERISTICS
Input Impedance
6
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
−0.2 to +5.2
V
Common-Mode Rejection Ratio
VCM = 0 V to 2.5 V
90
105
dB
AD8028W only: TMIN to TMAX
84
dB
DISABLE/SELECT PIN
Selection Input Voltage
Crossover Low
TMIN to TMAX
2.0
V
Crossover High2
Tristate < ±20 µA, TMIN to TMAX
1.1 to 1.3
V
Disable Input Voltage
TMIN to TMAX
0.4
V
Disable Switching Speed
50% of input to <10% of final VOUT
1100
ns
Enable Switching Speed
50
ns
OUTPUT CHARACTERISTICS
Overdrive Recovery Time (Rising/Falling Edge)
VIN = −6 V to +1 V, G = −1
50/50
ns
Output Voltage Swing
AD8028W only: TMIN to TMAX
0.08 to 4.92
0.04 to 4.96
V
Off Isolation
VIN = 0.2 V p-p, f = 1 MHz, DISABLE/SELECT = low
−49
dB
Short-Circuit Current
Sinking and sourcing
105
mA
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
6
8.5
mA
AD8028W only: TMIN to TMAX
9
mA
Quiescent Current per Amplifier (Disabled)
DISABLE/SELECT = low
320
450
µA
AD8028W only: TMIN to TMAX
450
µA
Power Supply Rejection Ratio
VS ± 1 V, AD8028W only: TMIN to TMAX
90
105
dB
1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin.
2 It is recommended to float the DISABLE/SELECT pin for crossover high mode.
VS = 3 V at TA = 25°C, RL = 1 kΩ to midsupply, G = +1, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
125
180
MHz
AD8028W only: TMIN to TMAX
125
MHz
G = +1, VOUT = 2 V p-p
19
29
MHz
AD8028W only: TMIN to TMAX
19
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 0.2 V p-p
10
MHz
Slew Rate
G = +1, VOUT = 2 V step
73
V/µs
G = −1, VOUT = 2 V step
100
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
48
ns
NOISE/DISTORTION PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
fC = 1 MHz, VOUT = 2 V p-p, RF = 24.9 Ω
85
dBc
fC = 5 MHz, VOUT = 2 V p-p, RF = 24.9 Ω
64
dBc
Input Voltage Noise
f = 100 kHz
4.3
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com