Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8028 Datasheet HTML 2Page - Analog Devices AD8028 Datasheet HTML 3Page - Analog Devices AD8028 Datasheet HTML 4Page - Analog Devices AD8028 Datasheet HTML 5Page - Analog Devices AD8028 Datasheet HTML 6Page - Analog Devices AD8028 Datasheet HTML 7Page - Analog Devices AD8028 Datasheet HTML 8Page - Analog Devices AD8028 Datasheet HTML 9Page - Analog Devices AD8028 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Data Sheet
AD8027/AD8028
SPECIFICATIONS
analog.com
Rev. E | 6 of 27
Table 3. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Current Noise
f = 100 kHz
1.6
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.15
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.20
Degrees
Crosstalk, Output to Output
G = +1, RL = 100 Ω, VOUT = 2 V p-p, VS = 3 V at 1 MHz
−89
dB
DC PERFORMANCE
Input Offset Voltage
DISABLE/SELECT = tristate or open, PNP active
200
800
µV
AD8028W only: TMIN to TMAX
850
µV
DISABLE/SELECT = high NPN active
240
900
µV
AD8028W only: TMIN to TMAX
900
µV
Input Offset Voltage Drift
TMIN to TMAX
2
µV/°C
Input Bias Current1
VCM = 1.5 V, NPN active
4
6
µA
TMIN to TMAX
4
µA
AD8028W only: TMIN to TMAX
6
µA
VCM = 1.5 V, PNP active
−8
−11
µA
TMIN to TMAX
−8
µA
AD8028W only: TMIN to TMAX
−11
µA
Input Offset Current
AD8028W only: TMIN to TMAX
±0.1
±0.9
µA
Open-Loop Gain
VOUT = 1 V to 2 V, AD8028W only: TMIN to TMAX
90
100
dB
INPUT CHARACTERISTICS
Input Impedance
6
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
RL = 1 kΩ
−0.2 to +3.2
V
Common-Mode Rejection Ratio
VCM = 0 V to 1.5 V
88
100
dB
AD8028W only: TMIN to TMAX
78
dB
DISABLE/SELECT PIN
Selection Input Voltage
Crossover Low
TMIN to TMAX
2.0
V
Crossover High2
Tristate < ±20 µA, TMIN to TMAX
1.1 to 1.3
V
Disable Input Voltage
TMIN to TMAX
0.4
V
Disable Switching Speed
50% of input to <10% of final VOUT
1150
ns
Enable Switching Speed
50
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time(Rising/Falling
Edge)
VIN = −4 V to +1 V, G = −1
55/55
ns
Output Voltage Swing
AD8028W only: TMIN to TMAX
0.07 to 2.93
0.03 to 2.97
V
Short-Circuit Current
Sinking and sourcing
72
mA
Off Isolation
VIN = 0.2 V p-p, f = 1 MHz, DISABLE/SELECT = low
−49
dB
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
6.0
8.0
mA
AD8028W only: TMIN to TMAX
9
mA
Quiescent Current per Amplifier (Disabled)
DISABLE/SELECT = low
300
420
µA
AD8028W only: TMIN to TMAX
420
µA
Power Supply Rejection Ratio
VS ± 1 V, AD8028W only: TMIN to TMAX
88
100
dB
1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin.
2 It is recommended to float the DISABLE/SELECT pin for crossover high mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com