Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8028 Datasheet HTML 19Page - Analog Devices AD8028 Datasheet HTML 20Page - Analog Devices AD8028 Datasheet HTML 21Page - Analog Devices AD8028 Datasheet HTML 22Page - Analog Devices AD8028 Datasheet HTML 23Page - Analog Devices AD8028 Datasheet HTML 24Page - Analog Devices AD8028 Datasheet HTML 25Page - Analog Devices AD8028 Datasheet HTML 26Page - Analog Devices AD8028 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
AD8027/AD8028
WIDEBAND OPERATION
analog.com
Rev. E | 23 of 27
PCB LAYOUT
As with all high speed op amps, achieving optimum performance
from the AD8027/AD8028 requires careful attention to PCB layout.
Particular care must be exercised to minimize lead lengths of
the bypass capacitors. Excess lead inductance can influence the
frequency response and even cause high frequency oscillations.
The use of a multilayer board with an internal ground plane can
reduce ground noise and enable a tighter layout.
To achieve the shortest possible lead length at the inverting input,
position the feedback resistor, RF, beneath the board so that it
spans the distance from the output, to the inverting input. Situate
the return node of the resistor, RG, as closely as possible to the
return node of the negative supply bypass capacitor.
On multilayer boards, clear all layers underneath the op amp
of metal to avoid creating parasitic capacitive elements. This is
especially true at the summing junction (the negative input). Extra
capacitance at the summing junction can cause increased peaking
in the frequency response and lower phase margin.
GROUNDING
To minimize parasitic inductances and ground loops in high speed,
densely populated boards, a ground plane layer is critical. Under-
standing where the current flows in a circuit is critical in the
implementation of high speed circuit design. The length of the
current path is directly proportional to the magnitude of the parasitic
inductances and, therefore, the high frequency impedance of the
path. Fast current changes in an inductive ground return can create
unwanted noise and ringing.
The length of the high frequency bypass capacitor pads and traces
is critical. A parasitic inductance in the bypass grounding works
against the low impedance created by the bypass capacitor. Be-
cause load currents flow from supplies as well as ground, place the
load at the same physical location as the bypass capacitor ground.
For large values of capacitors, which are intended to be effective at
lower frequencies, the current return path length is less critical.
POWER SUPPLY BYPASSING
Power supply pins are actually inputs, and care must be taken to
provide a clean, low noise, dc voltage source to these inputs. The
bypass capacitors have two functions.
►
Provide a low impedance path for unwanted frequencies from the
supply inputs to ground, thereby reducing the effect of noise on
the supply lines.
►
Provide sufficient localized charge storage, for fast switching
conditions and minimizing the voltage drop at the supply pins
and the output of the amplifier. This is usually accomplished with
larger electrolytic capacitors.
Decoupling methods are designed to minimize the bypassing impe-
dance at all frequencies. This can be accomplished with a combina-
tion of capacitors in parallel to ground.
Use high quality ceramic chip capacitors and always keep them as
close as possible to the amplifier package. A parallel combination of
a 0.01 µF ceramic and a 10 µF electrolytic covers a wide range of
rejection for unwanted noise. The 10 µF capacitor is less critical for
high frequency bypassing, and, in most cases, one per supply line
is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com