Electronic Components Datasheet Search
  English  ▼

X  

LT1801 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1801
Description  High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1801 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1801 Datasheet HTML 8Page - Analog Devices LT1801 Datasheet HTML 9Page - Analog Devices LT1801 Datasheet HTML 10Page - Analog Devices LT1801 Datasheet HTML 11Page - Analog Devices LT1801 Datasheet HTML 12Page - Analog Devices LT1801 Datasheet HTML 13Page - Analog Devices LT1801 Datasheet HTML 14Page - Analog Devices LT1801 Datasheet HTML 15Page - Analog Devices LT1801 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6203X
13
6203xf
For more information www.linear.com/LT6203X
Amplifier Characteristics
Figure 1 shows a simplified schematic of the LT6203X,
which has two input differential amplifiers in parallel that
are biased on simultaneously when the common mode
voltage is at least 1.5V from either rail. This topology
allows the input stage to swing from the positive supply
voltage to the negative supply voltage. As the common
mode voltage swings beyond VCC – 1.5V, current source
I1 saturates and current in Q1/Q4 is zero. Feedback is
maintained through the Q2/Q3 differential amplifier, but
with an input gm reduction of 1/2. A similar effect occurs
with I2 when the common mode voltage swings within
1.5V of the negative rail. The effect of the gm reduction is
a shift in the VOS as I1 or I2 saturate.
applicaTions inForMaTion
Input bias current normally flows out of the + and – inputs.
The magnitude of this current increases when the input
common mode voltage is within 1.5V of the negative rail,
and only Q1/Q4 are active. The polarity of this current
reverses when the input common mode voltage is within
1.5V of the positive rail and only Q2/Q3 are active.
The second stage is a folded cascode and current mir-
ror that converts the input stage differential signals to a
single ended output. Capacitor C1 reduces the unity cross
frequency and improves the frequency stability with-
out degrading the gain bandwidth of the amplifier. The
differential drive generator supplies current to the output
transistors that swing from rail-to-rail.
DIFFERENTIAL
DRIVE
GENERATOR
+
–
R1
R2
R3
R4
R5
Q2
Q3
Q5
Q6
Q9
Q8
Q7
Q10
Q11
Q1
Q4
I1
I2
D3
D2
D1
DESD2
DESD4
DESD3
DESD1
DESD5
DESD6
+
–
VBIAS
CM
C1
+V
+V
+V
+V
–V
–V
–V
V+
V–
6203X F01
Figure 1. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com