Electronic Components Datasheet Search
  English  ▼

X  

LT1801 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1801
Description  High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1801 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1801 Datasheet HTML 8Page - Analog Devices LT1801 Datasheet HTML 9Page - Analog Devices LT1801 Datasheet HTML 10Page - Analog Devices LT1801 Datasheet HTML 11Page - Analog Devices LT1801 Datasheet HTML 12Page - Analog Devices LT1801 Datasheet HTML 13Page - Analog Devices LT1801 Datasheet HTML 14Page - Analog Devices LT1801 Datasheet HTML 15Page - Analog Devices LT1801 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6203X
16
6203xf
For more information www.linear.com/LT6203X
LINEAR TECHNOLOGY CORPORATION 2017
LT 0617 • PRINTED IN USA
www.linear.com/LT6203X
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single, Ultralow Noise 50MHz Op Amp
0.85nV/√Hz
LT1677
Single, Low Noise Rail-to-Rail Amplifier
3V Operation, 2.5mA, 4.5nV/√Hz, 60µV Max V0S
LT1722/LT1723/LT1724
Single/Dual/Quad Low Noise Precision Op Amps
70V/µs Slew Rate, 400µV Max VOS, 3.8nV/√Hz, 3.7mA
LT1800/LT1801/LT1802
Single/Dual/Quad Low Power 80MHz Rail-to-Rail Op Amps
8.5nV/√Hz, 2mA Max Supply
LT1806/LT1807
Single/Dual, Low Noise 325MHz Rail-to-Rail Amplifiers
2.5V Operation, 550µV Max VOS, 3.5nV/√Hz
LT6200
Single Ultralow Noise Rail-to-Rail Amplifier
0.95nV/√Hz, 165MHz Gain Bandwidth
Low Noise Differential Amplifier with Gain Adjust and Common Mode Control
R1
402
R2
200
R3
100
R4
402
R5
200
R6
100
0dB
6dB
12dB
0dB
6dB
12dB
1/2 LT6203X
1/2 LT6203X
C1
270pF
R7, 402
R9
402
RA
RB
V+
0.1µF
R8
402
C2
22pF
V+
C3
5pF
R10, 402
VOUT+
VOUT–
VIN–
VIN+
LT6203X TA02a
RB
RA + RB
OUTPUT VCM =
V+
( )
FREQUENCY (Hz)
50k
1M
5M
LT6203X TA02b
G = 6dB
G = 12dB
G = 0dB
Low Noise Differential Amplifier
Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com