Electronic Components Datasheet Search
  English  ▼

X  

LT1801 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1801
Description  High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1801 Datasheet(HTML) 3 Page - Analog Devices

  LT1801 Datasheet HTML 1Page - Analog Devices LT1801 Datasheet HTML 2Page - Analog Devices LT1801 Datasheet HTML 3Page - Analog Devices LT1801 Datasheet HTML 4Page - Analog Devices LT1801 Datasheet HTML 5Page - Analog Devices LT1801 Datasheet HTML 6Page - Analog Devices LT1801 Datasheet HTML 7Page - Analog Devices LT1801 Datasheet HTML 8Page - Analog Devices LT1801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6203X
3
6203xf
For more information www.linear.com/LT6203X
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V–
0.12
0.07
0.12
1
1
1.1
µA
µA
µA
Input Noise Voltage
0.1Hz to 10Hz
800
nVP-P
en
Input Noise Voltage Density
f = 100kHz, VS = 5V
f = 10kHz, VS = 5V
2
2.9
4.5
nV/√Hz
nV/√Hz
in
Input Noise Current Density, Balanced
Input Noise Current Density, Unbalanced
f = 10kHz, VS = 5V
0.75
1.1
pA/√Hz
pA/√Hz
Input Resistance
Common Mode
Differential Mode
4
12
MΩ
kΩ
CIN
Input Capacitance
Common Mode
Differential Mode
1.8
1.5
pF
pF
AVOL
Large Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100 to VS/2
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
40
8.0
17
70
14
40
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
VS = 5V, VCM = 1.5V to 3.5V
VS = 3V, VCM = V– to V+
60
80
56
83
100
80
dB
dB
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = 1.5V to 3.5V
85
120
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
60
74
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.5V to 10V, VCM = 0V
70
100
dB
Minimum Supply Voltage (Note 6)
2.5
V
VOL
Output Voltage Swing LOW Saturation
(Note 7)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3V, ISINK = 15mA
5
85
240
185
50
190
460
350
mV
mV
mV
mV
VOH
Output Voltage Swing HIGH Saturation
(Note 7)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 20mA
VS = 3V, ISOURCE = 15mA
25
90
325
225
75
210
600
410
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
±30
±25
±45
±40
mA
mA
IS
Supply Current per Amp
VS = 5V
VS = 3V
2.5
2.3
3.0
2.85
mA
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz, VS = 5V
90
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
17
24
V/µs
FPBW
Full Power Bandwidth (Note 9)
VS = 5V, VOUT = 3VP-P
1.8
2.5
MHz
tS
Settling Time
0.1%, VS = 5V, VSTEP = 2V, AV = –1, RL = 1k
85
ns
TA = 25°C, VS =5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com