Electronic Components Datasheet Search
  English  ▼

X  

AD8131ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8131ARM
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8131ARM Datasheet HTML 6Page - Analog Devices AD8131ARM Datasheet HTML 7Page - Analog Devices AD8131ARM Datasheet HTML 8Page - Analog Devices AD8131ARM Datasheet HTML 9Page - Analog Devices AD8131ARM Datasheet HTML 10Page - Analog Devices AD8131ARM Datasheet HTML 11Page - Analog Devices AD8131ARM Datasheet HTML 12Page - Analog Devices AD8131ARM Datasheet HTML 13Page - Analog Devices AD8131ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8131
Rev. B | Page 10 of 20
–50
–60
–70
–80
–90
–100
–110
40
50
60
70
FREQUENCY (MHz)
010
20
30
RL, dm = 800Ω
VOUT, dm = 1V p-p
HD3 (VS = 3V)
HD3 (VS = 5V)
HD2 (VS = 3V)
HD2 (VS = 5V)
Figure 11. Harmonic Distortion vs. Frequency
40
50
60
70
FREQUENCY (MHz)
010
20
30
–40
–50
–60
–70
–80
–100
–110
–90
RL, dm = 800Ω
VOUT, dm = 2V p-p
HD3 (VS = ±5V)
HD3 (VS = +5V)
HD2 (VS = ±5V)
HD2 (VS = +5V)
Figure 12. Harmonic Distortion vs. Frequency
–55
–65
–75
–85
–95
–105
–115
34
5
6
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
01
2
VS = ±5V
RL, dm = 800Ω
HD3 (F = 20MHz)
HD2 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
Figure 13. Harmonic Distortion vs. Differential Output Voltage
–50
–60
–70
–80
–90
–100
–110
2.5
3.0
3.5
4.0
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
1.0
1.5
2.0
0.5
0
VS = 5V
RL, dm = 800Ω
HD3 (F = 20MHz)
HD2 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
Figure 14. Harmonic Distortion vs. Differential Output Voltage
–50
–60
–70
–80
–90
–100
–110
1.25
1.5
1.75
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
0.75
1.0
0.50
0.25
VS = 3V
RL, dm = 800Ω
HD3 (F = 20MHz)
HD2 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
Figure 15. Harmonic Distortion vs. Differential Output Voltage
–50
–60
–70
–80
–90
–100
–110
700
800
900
1000
RLOAD (Ω)
400
500
600
300
200
VS = ±5V
VOUT, dm = 2V p-p
HD3 (F = 20MHz)
HD2 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
Figure 16. Harmonic Distortion vs. RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com