Electronic Components Datasheet Search
  English  ▼

X  

AD8131ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8131ARM
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8131ARM Datasheet HTML 10Page - Analog Devices AD8131ARM Datasheet HTML 11Page - Analog Devices AD8131ARM Datasheet HTML 12Page - Analog Devices AD8131ARM Datasheet HTML 13Page - Analog Devices AD8131ARM Datasheet HTML 14Page - Analog Devices AD8131ARM Datasheet HTML 15Page - Analog Devices AD8131ARM Datasheet HTML 16Page - Analog Devices AD8131ARM Datasheet HTML 17Page - Analog Devices AD8131ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8131
Rev. B | Page 14 of 20
–20
–30
–40
–50
–60
–70
–80
1
10
100
1000
FREQUENCY (MHz)
–90
ΔV
OUT, cm
ΔV
OCM
VS = ±5V
ΔV
OCM = 600mV p-p
ΔV
OCM = 2V p-p
110
90
70
50
30
10
0.1k
1k
10k
100k
FREQUENCY (Hz)
1M
10M
100M
VS = ±5V
Figure 37. VOCM CMRR vs. Frequency
Figure 35. Voltage Noise vs. Frequency
6
3
0
–3
–6
–9
1
10
100
1000
FREQUENCY (MHz)
ΔV
OUT, cm
ΔV
OCM
VS = ±5V
ΔV
OCM = 600mV p-p
ΔV
OCM = 2V p-p
400mV
5ns
VS = 5V
VOCM = –1V TO +1V
VOUT, cm
Figure 38. VOCM Transient Response
Figure 36. VOCM Gain Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com