Electronic Components Datasheet Search
  English  ▼

X  

AD8131ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8131ARM
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8131ARM Datasheet HTML 11Page - Analog Devices AD8131ARM Datasheet HTML 12Page - Analog Devices AD8131ARM Datasheet HTML 13Page - Analog Devices AD8131ARM Datasheet HTML 14Page - Analog Devices AD8131ARM Datasheet HTML 15Page - Analog Devices AD8131ARM Datasheet HTML 16Page - Analog Devices AD8131ARM Datasheet HTML 17Page - Analog Devices AD8131ARM Datasheet HTML 18Page - Analog Devices AD8131ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8131
Rev. B | Page 15 of 20
OPERATIONAL DESCRIPTION
AD8131
RG
RG
RF
RF
RL, dm VOUT, dm
–OUT
+OUT
–OUT
+OUT
+IN
–IN
+DIN
–DIN
VOCM
Figure 39. Circuit Definitions
Differential voltage refers to the difference between two node
voltages. For example, the output differential voltage (or
equivalently output differential-mode voltage) shown in
Figure 39 is defined as
(
)
OUT
OUT
dm
OUT
V
V
V
−
+
−
=
,
V+OUT and V–OUT refer to the voltages at the +OUT and −OUT
terminals with respect to a common reference.
Common-mode voltage refers to the average of two node
voltages. The output common-mode voltage is defined as
(
) 2
,
OUT
OUT
cm
OUT
V
V
V
−
+
+
=
Balance is a measure of how well differential signals are
matched in amplitude and exactly 180 degrees apart in phase.
Balance is most easily determined by placing a well-matched
resistor divider between the differential voltage nodes and
comparing the magnitude of the signal at the divider’s midpoint
with the magnitude of the differential signal. By this definition,
output balance is the magnitude of the output common-mode
voltage divided by the magnitude of the output differential-
mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com