Electronic Components Datasheet Search
  English  ▼

X  

AD8368 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8368 Datasheet HTML 12Page - Analog Devices AD8368 Datasheet HTML 13Page - Analog Devices AD8368 Datasheet HTML 14Page - Analog Devices AD8368 Datasheet HTML 15Page - Analog Devices AD8368 Datasheet HTML 16Page - Analog Devices AD8368 Datasheet HTML 17Page - Analog Devices AD8368 Datasheet HTML 18Page - Analog Devices AD8368 Datasheet HTML 19Page - Analog Devices AD8368 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8368
Rev. C | Page 17 of 20
EVALUATION BOARD
The standard evaluation board schematic and layout artwork is
presented in Figure 41 through Figure 44. The evaluation board
is fabricated on a multilayer FR-4 board, with 50 Ω-controlled
impedance transmission lines for the RF input and output traces.
The board is powered by a single supply in the 4.5 V to 5.5 V
range. The power supply is decoupled by 0.1 µF and 1 nF capacitors
at each power supply pin. Additional decoupling, in the form
of a series resistor or inductor at the supply pins, can also be added.
Table 6 details the various configuration options of the
evaluation board.
VPOS
VPOS1 VPOS2 VPOS3
ENBL
VPSI
VPSI
MODE
ICOM
INPT
OCOM
OUTP
VPSO
VPSO
VPSI
VPSI
AD8368
C20
1nF
C2
5.6pF
C11
1nF
C14
0.1µF
R11
0Ω
VPOS2
C12
1nF
C15
0.1µF
R12
0Ω
VPOS3
COUT
10nF OUTPUT
R31
OPEN
R32
OPEN
R30
OPEN
DET_IN
C1
OPEN
GAIN
C23
10nF
C4
1nF
C6
1nF
JP4
GAIN
C13
0.1µF
DET_OUT_TP
R35
OPEN
R3
215Ω
L1
10nH
CIN
10nF
INPUT
SW1
SW2
LOW
HI
ON
OFF
C10
1nF
R1
10kΩ
R2
10kΩ
ENABLE
R10
0Ω
VPOS1
Figure 40. Evaluation Board
Table 6. Evaluation Board Configuration Options
Component
Function
Default Conditions
R1, R2, R3, L1
Pull-Down Resistors for MODE and ENBL. RL network. Prevent potential instability impact
due to PCB parasitics and/or certain extreme conditions (see the Stability and Layout
Considerations section).
R1 = R2 = 10 kΩ
R3 = 215 Ω
L1 = 10 nH
R10, R11, R12,
C10, C11, C12,
C13, C14, C15
Supply Decoupling. Jumpers, power supply decoupling resistors, and filter capacitors.
R10 = R11 = R12 = 0 Ω
C10 = C11 = C12 = 1 nF
C13 = C14 = C15 = 0.1 µF
CIN
RF Input. CIN provides dc block for RF input.
CIN = 10 nF
COUT
RF Output. COUT provides dc block for RF output.
COUT = 10 nF
R31, R32
Feedback Path for AGC Operation. For a default setpoint of 63 mV rms, set R31 = 0 Ω and
remove R32. For other AGC setpoints, rms voltage = (1 + n) × 63 mV rms, where n = R31/R32.
R31 = R32 = Open
(VGA mode)
R35
Populate with 0 Ω to feed detector output RSSI voltage to DET_OUT_TP.
R35 = Open
C23
Sets the corner frequency of the output offset control loop high-pass filter.
C23 = 10 nF
C1, R30
Used for driving the detector externally. Set R30 to 50 Ω for matching. Set C1 to be a large
ac coupling capacitor.
C1 = Open
R30 = Open
C6
DETO Capacitor. Needs to be made larger for lower data rates (see the AGC Operation section).
C6 = 1 nF
C20, C2, C4
DECL Capacitor. Needs to be adjusted based on RF frequency in AGC operation (see the
AGC Operation section).
C20 = C4 = 1 nF
C2 = 5.6 pF
JP4
Jumper for AGC Mode of Operation. Provides feedback from the detector output to the
gain pin.
JP4 = not populated
(VGA mode)
SW1
Mode Switch. Low mode puts the part in gain-down mode. High mode puts the part in
gain-up mode. AGC operation requires gain-down mode.
SW1 = JP2
SW2
Power-Down. The part is disabled when the enable pin is tied to ground.
SW2 = JP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com