Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 8 Page - Analog Devices

Part # AD797
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8597/AD8599
Data Sheet
Rev. F | Page 8 of 20
–50
–25
0
25
50
80
70
60
50
40
30
TEMPERATURE (°C)
20
10
75
100
0
125
IOS @ VSY = ±15V
IOS @ VSY = ±5V
AD8599
Figure 16. Input Offset Current vs. Temperature
150
125
–50
–25
0
25
50
114
112
110
108
106
104
TEMPERATURE (°C)
102
100
75
100
RL = 2kΩ, VO = ±2V
RL = 600Ω, VO = ±2V
AD8599
VSY = ±5V
Figure 17. Large Signal Voltage Gain vs. Temperature
8
7
6
5
4
3
2
1
0
0 2 4 6 8 101214 161820 222426 283032 3436
VSY (V)
AD8597
TA = +25°C
TA = –40°C
TA = +85°C
TA = +125°C
Figure 18. Supply Current vs. Supply Voltage
150
100
50
0
–50
–100
–150
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
AD8597
±15V
±5V
Figure 19. Input Offset Current vs. Temperature
150
125
–50
–25
0
25
50
120
118
116
114
112
110
TEMPERATURE (°C)
75
100
RL = 2kΩ, VO = ±11V
RL = 600Ω, VO = ±11V
AD8599
VSY = ±15V
Figure 20. Large Signal Voltage Gain vs. Temperature
4
2
–12 –10 –8
–6
–4
350
300
250
200
150
100
VCM (V)
50
0
–2
0
–350
6
–50
–100
–150
–200
–250
–300
10
8
12
TA = +25°C
TA = –40°C
TA = +85°C
TA = +125°C
AD8599
VSY = ±15V
Figure 21. Input Bias Current vs. VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com