Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 9 Page - Analog Devices

Part # AD797
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices AD797 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8597/AD8599
Rev. F | Page 9 of 20
150
125
–50
–25
0
25
50
80
60
40
20
0
–80
TEMPERATURE (°C)
75
100
ISINK
–20
–40
–60
ISOURCE
AD8599
VSY = ±5V
Figure 22. ISC vs. Temperature
0.001
0.01
0.1
1
10
10
1
0.1
IL (mA)
100
ISOURCE
ISINK
AD8599
VSY = ±5V
Figure 23. Output Dropout Voltage vs. Current Load
–50
–25
0
25
50
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
75
100
125
150
VCC – VOH @ RL = 600Ω
VCC – VOH @ RL = 2kΩ
AD8599
VSY = ±5V
Figure 24. Output Saturation Voltage vs. Temperature
ISINK
150
125
–50
–25
0
25
50
80
60
40
20
0
–80
TEMPERATURE (°C)
75
100
–20
–40
–60
ISOURCE
AD8599
VSY = ±15V
Figure 25. ISC vs. Temperature
0.001
0.01
0.1
1
10
10
1
0.1
IL (mA)
100
ISOURCE
ISINK
AD8599
VSY = ±15V
Figure 26. Output Dropout Voltage vs. Current Load
–50
–25
0
25
50
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
75
100
125
150
VCC – VOH @ RL = 600Ω
VCC – VOH @ RL = 2kΩ
AD8599
VSY = ±15V
Figure 27. Output Saturation Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com