Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 14 Page - Analog Devices

Part # AD797
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices AD797 Datasheet HTML 13Page - Analog Devices AD797 Datasheet HTML 14Page - Analog Devices AD797 Datasheet HTML 15Page - Analog Devices AD797 Datasheet HTML 16Page - Analog Devices AD797 Datasheet HTML 17Page - Analog Devices AD797 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8597/AD8599
Data Sheet
Rev. F | Page 14 of 20
45
40
35
30
25
20
15
10
5
0
10
100
1k
CAPACITANCE (pF)
OS–
AD8597
VSY = ±5V
OS+
Figure 52. Overshoot vs. Capacitive Load
100
1k
10k
100k
1M
0
–20
–120
FREQUENCY (Hz)
–40
–60
–80
–100
–160
–140
VIN = 10V p-p
VIN = 20V p-p
AD8599
VSY = ±15V
AV = 100
RL = 1kΩ
10V p-p
VCC
VEE
2kΩ
CH A
VCC
VEE
2kΩ
10kΩ
1kΩ
CH B,
CH C,
CH D
Figure 53. Channel Separation vs. Frequency
012
3
4
5
6
7
8
400
200
0
–200
TIME (Seconds)
–400
910
AD8599
±5V ≤ VSY ≤ ±15V
Figure 54. Peak-to-Peak Noise
45
40
35
30
25
20
15
10
5
0
10
100
1k
CAPACITANCE (pF)
OS–
AD8597
VSY = ±15V
OS+
Figure 55. Overshoot vs. Capacitive Load
125
–50
–25
0
25
50
15.0
12.5
10.0
7.5
5.0
TEMPERATURE (°C)
75
100
VSY = ±15V
AD8599
VSY = ±5V
Figure 56. Supply Current vs. Temperature
6.0
4.5
5.0
5.5
4.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
AD8597
VSY = ±15V
VSY = ±5V
Figure 57. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com