Electronic Components Datasheet Search
  English  ▼

X  

AD1884 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1884
Description  High Definition Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1884 Datasheet HTML 7Page - Analog Devices AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices AD1884 Datasheet HTML 11Page - Analog Devices AD1884 Datasheet HTML 12Page - Analog Devices AD1884 Datasheet HTML 13Page - Analog Devices AD1884 Datasheet HTML 14Page - Analog Devices AD1884 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1884
Table 3. AD1884 Pin Descriptions (Continued)
Mnemonic
Pin No.
I/O
Description
AVDD 3.3 V
25, 38
I
CAUTION: DO NOT APPLY 5 V TO THESE PINS!
Analog Supply Voltage 3.3 V ONLY.
MIC_BIAS_IN
33
I
Note: AVDD supplies should be well regulated and filtered as supply noise degrades
audio performance.
Source Power for Microphone Bias Boost Circuitry.
5.0 V or 3.3 V
Connect this pin to 5.0 V via a low-pass filter. When connected this way the AD1884 is
capable of providing +3.9 V as a mic bias to all of the mic bias pins (except on
Pin 31).
If 5 V is not available, connect this pin to +3.3 V (AVDD) via a low-pass filter.
AVSS
26, 42
I
The AD1884 produces a mic bias voltage relative to the AVDD supply
(typically 3.0 V @ AVDD = 3.3 V).
Analog Supply Return (Ground). AVSS should be connected to DVSS using a
conductive trace under, or close to, the AD1884.
The symbols used in this table are defined as: I = Input, O = Output, LI = Line Level Input, LO = Line Level Output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier.
Rev. 0
|
Page 11 of 16
|
January 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com