Electronic Components Datasheet Search
  English  ▼

X  

AD1884 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1884
Description  High Definition Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices AD1884 Datasheet HTML 11Page - Analog Devices AD1884 Datasheet HTML 12Page - Analog Devices AD1884 Datasheet HTML 13Page - Analog Devices AD1884 Datasheet HTML 14Page - Analog Devices AD1884 Datasheet HTML 15Page - Analog Devices AD1884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD1884
HD AUDIO WIDGETS
Table 4. HD Audio Widgets
Node ID
Name
Type ID
Type
Description
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
1F
20
21
22
23
24
25
26
ROOT
FUNCTION
S/PDIF DAC
DAC_0
DAC_1
VendorD_1
VendorD_2
Port A Mixer
ADC_0
ADC_1
Port D Mixer
Port F Mixer
ADC Selector 0
ADC Selector 1
Mono Out Selector
Port F Out Selector
Digital Beep
Port A (Headphone)
Port D (Line Out)
Mono Out
Port B (Mic In)
Port C (Line In)
Port F (Aux In/Out)
VendorD_3
VendorD_4
Mixer Power Down
Analog PCBeep
S/PDIF Out Pin
Port E (Dock I/O)
VREF Power Down
Mono Out Mixer
Stereo Mix-Down
Analog Mixer
Mixer Output Atten
Port A Out Selector
Port E Out Selector
Port E Mixer
Port E Mic Boost
BIAS Power Down
x
x
0
0
0
F
F
2
1
1
2
2
3
3
3
3
7
4
4
4
4
4
4
F
F
5
4
4
4
F
2
2
2
3
3
3
2
3
F
Root
Function
Audio Output
Audio Output
Audio Output
Vendor Defined
Vendor Defined
Audio Mixer
Audio Input
Audio Input
Audio Mixer
Audio Mixer
Audio Selector
Audio Selector
Audio Selector
Audio Selector
Beep Generator
Pin Complex
Pin Complex
Pin Complex
Pin Complex
Pin Complex
Pin Complex
Vendor Defined
Vendor Defined
Power Widget
Pin Complex
Pin Complex
Pin Complex
Vendor Defined
Audio Mixer
Audio Mixer
Audio Mixer
Audio Selector
Audio Selector
Audio Selector
Audio Mixer
Audio Selector
Vendor Defined
Device identification
Designates this device as an audio codec
S/PDIF digital stream output interface
Stereo headphone channel digital/audio converters
Stereo front channel digital/audio converters
Vendor Defined
Vendor Defined
Mixes the of DAC_(0, 1) and mixer output amps to drive Port A
Stereo record Channel 0 audio/digital converters
Stereo record Channel 1 audio/digital converters
Mixes the DAC_1 and mixer output amps to drive Port D
Mixes the DAC_(0, 1) and mixer output amps to drive Port F
Selects and amplifies/attenuates the input to ADC_0
Selects and amplifies/attenuates the input to ADC_1
Selects the mono out DAC_(0, 1)
Selects the Port F DAC_(0, 1)
Internal digital PCBeep signal
Headphone jack pins
Line out jack pins
Monaural output pin (internal speakers or telephony system)
Microphone in jack pins
Line in jack pins
Auxiliary I/O pins
Vendor Defined
Vendor Defined
Powers down the analog mixer and associated amps
External analog PCBeep signal input
S/PDIF output pin
Analog dock I/O pins
Powers down the internal and external VREF circuitry
Mixes the DAC_(0, 1) and mixer output amps to drive mono out
Mixes the stereo L/R channels to drive mono output
Mixes individually gainable analog inputs
Attenuates the mixer output to drive the port mixers
Selects the Port A DAC_(0, 1)
Selects the Port E DAC_(0, 1)
Mixes the DAC_(0, 1) and mixer output amps to drive Port E
0 dB, 10 dB, 20 dB, or 30 dB gain boost for Port E
Powers down the internal MIC_BIAS_FILT and all MIC_BIAS pins
Rev. 0
|
Page 12 of 16
|
January 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com