Electronic Components Datasheet Search
  English  ▼

X  

AD1884 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1884
Description  High Definition Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices AD1884 Datasheet HTML 11Page - Analog Devices AD1884 Datasheet HTML 12Page - Analog Devices AD1884 Datasheet HTML 13Page - Analog Devices AD1884 Datasheet HTML 14Page - Analog Devices AD1884 Datasheet HTML 15Page - Analog Devices AD1884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1884
AD1884 HD AUDIO PARAMETERS
Table 5. Root and Function Node Parameters
Node ID
Name
Type
Vendor ID
00
Revision ID
02
Sub Node
Count
04
Func. Group
Type
05
Audio F.G.
Caps
08
GPIO Caps
11
00
ROOT
Root
11D41884
00100100
00010001
01
FUNCTION
Function
00020025
00000001
00010C0C
40000003
Table 6. SubSystem ID 1
Node ID
Name
31:16
15:8
7:0
SSID
SKU
Asm ID
01
FUNCTION
BFD4
00
00
1 The SSID value is set on codec power-up only. SSID is not reset by link or soft reset in order to preserve modifications by BIOS control.
Table 7. Widget Parameters
Widget
PCM Size,
Stream
Pin
Input Amp
Con. List
Output Amp
Node
Capabilities
Rate
Formats
Capabilities
Capabilities
Length
Power States
Capabilities
ID
09
0A
0B
0C
0D
0E
0F
12
01
000004C0
000E07FF
00000001
80000000
00000009
00052727
02
00030311
000E07E0
00000005
00000003
03
00000405
000E07FF
00000001
00000000
00000009
00052727
04
00000405
000E07FF
00000001
00000000
00000009
00052727
07
00200103
80000000
00000002
08
00100501
000E07FF
00000001
00000001
00000009
09
00100501
000E07FF
00000001
00000001
00000009
0A
00200103
80000000
00000002
0B
00200103
80000000
00000002
0C
0030010D
00000004
80053627
0D
0030010D
00000004
80053627
0E
00300101
00000002
0F
00300101
00000002
10
0070000C
00000000
800B0F0F
11
0040018D
0000001F
00000001
80000000
12
0040058D
0001001F
00000001
00000009
80000000
13
0040050C
00010010
00000001
00000009
80051F1F
14
0040008B
00003727
00270300
00000000
15
0040008B
00003727
00270300
00000000
16
0040018D
00000037
00000001
80000000
19
00500500
00000002
00000009
1A
00400000
00000020
00000000
1B
0040030D
00000010
00000001
80052727
1C
0040018D
00003737
00000001
80000000
1D
00F00100
0000000A
1E
00200103
80000000
00000002
1F
00200100
00000001
20
0020010B
80051F17
00000004
21
0030010D
00000001
80051F1F
22
00300101
00000002
23
00300101
00000002
24
00200103
80000000
00000002
25
0030010D
00000001
00270300
26
00F00100
00000003
Rev. 0
|
Page 13 of 16
|
January 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com