Electronic Components Datasheet Search
  English  ▼

X  

TDA8779 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8779 Datasheet HTML 1Page - NXP Semiconductors TDA8779 Datasheet HTML 2Page - NXP Semiconductors TDA8779 Datasheet HTML 3Page - NXP Semiconductors TDA8779 Datasheet HTML 4Page - NXP Semiconductors TDA8779 Datasheet HTML 5Page - NXP Semiconductors TDA8779 Datasheet HTML 6Page - NXP Semiconductors TDA8779 Datasheet HTML 7Page - NXP Semiconductors TDA8779 Datasheet HTML 8Page - NXP Semiconductors TDA8779 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Sep 18
2
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
FEATURES
• Two 10-bit ADCs with multiplexed outputs
• Two 10-bit DACs with multiplexed inputs
• Sampling rate for the ADCs and DACs up to 20 MHz
• Digital outputs (for the ADC) and inputs (for the DAC)
are TTL/CMOS compatible (2.7 to 5.5 V)
• Internal reference voltage regulator
• Power dissipation 520 mW
• Standby mode.
APPLICATIONS
Wireless communication.
GENERAL DESCRIPTION
The TDA8779 contains two 10-bit high speed ADCs and
two 10-bit DACs for wireless communication (for use in
transceiver modules). This device converts two analog
input signals (channels I and Q) and digital inputs
(D0 to D9) at a maximum sampling rate of 20 MHz.
The input bias voltages for the analog input voltages are
provided internally at the middle code. The analog input
and output voltages are AC coupled.
The data sampling is performed on the rising edge of the
clock for ADCs and DACs.
All reference voltages are generated internally.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA1
analog supply voltage for the
ADC part
4.75
5.0
5.5
V
VCCD1
digital supply voltage for the
ADC part
4.75
5.0
5.5
V
VCCA2
analog supply voltage for the
DAC part
4.75
5.0
5.5
V
VCCD2
digital supply voltage for the
DAC part
4.75
5.0
5.5
V
VCCO
output stage supply voltage
2.7
3.0
5.5
V
ICCA
analog supply current
−
71
−
mA
ICCD
digital supply current
−
31
−
mA
ICCO
output stage supply current
ramp input; fCLK =20MHz
−
2
−
mA
fCLK(ADC)max
maximum clock frequency for
the ADC part
20
−−
MHz
INLA
integral non linearity for the
ADC part
full-scale; ramp input;
fCLK =20MHz
−±2
−
LSB
DNLA
differential non linearity for
the ADC part
50% full-scale; ramp input;
fCLK =20MHz
−±0.3
−
LSB
fCLK(DAC)max
maximum clock frequency for
the DAC part
20
−−
MHz
INLD
integral non linearity for the
DAC part
full-scale; ramp input;
fCLK =20MHz
−±2
−
LSB
DNLD
differential non linearity for
the DAC part
full-scale; ramp input;
fCLK =20MHz
−±0.75 −
LSB
Ptot
total power dissipation
−
520
−
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com