Electronic Components Datasheet Search
  English  ▼

X  

TDA8779 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8779 Datasheet HTML 1Page - NXP Semiconductors TDA8779 Datasheet HTML 2Page - NXP Semiconductors TDA8779 Datasheet HTML 3Page - NXP Semiconductors TDA8779 Datasheet HTML 4Page - NXP Semiconductors TDA8779 Datasheet HTML 5Page - NXP Semiconductors TDA8779 Datasheet HTML 6Page - NXP Semiconductors TDA8779 Datasheet HTML 7Page - NXP Semiconductors TDA8779 Datasheet HTML 8Page - NXP Semiconductors TDA8779 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Sep 18
4
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
PINNING
SYMBOL
PIN
DESCRIPTION
AGND1
1
analog ground 1
DEC1
2
decoupling input 1
DEC2
3
decoupling input 2
INI
4
I channel ADC input
DEC3
5
decoupling input 3
INQ
6
Q channel ADC input
VCCA1
7
analog supply voltage 1 for ADC part
(+5 V)
VCCA2
8
analog supply voltage 2 for DAC part
(+5 V)
OUTI
9
I channel DAC analog output
DEC4
10
decoupling input 4
OUTQ
11
Q channel DAC analog output
DEC5
12
decoupling input 5
AGND2
13
analog ground 2
VCCD2
14
digital supply voltage 2 for DAC part
(+5 V)
D0D
15
multiplexed input for the DACs; bit 0
D1D
16
multiplexed input for the DACs; bit 1
D2D
17
multiplexed input for the DACs; bit 2
D3D
18
multiplexed input for the DACs; bit 3
D4D
19
multiplexed input for the DACs; bit 4
D5D
20
multiplexed input for the DACs; bit 5
D6D
21
multiplexed input for the DACs; bit 6
D7D
22
multiplexed input for the DACs; bit 7
D8D
23
multiplexed input for the DACs; bit 8
D9D
24
multiplexed input for the DACs; bit 9
DGND2
25
digital ground 2
CLKD
26
transmission block clock
STDBYD
27
power standby for the DAC part
(active HIGH)
DGND1
28
digital ground 1
STDBYA
29
power standby for the ADC part
(active HIGH)
CLKA
30
reception block clock
VCCD1
31
digital supply voltage 1 for ADC part
(+5 V)
OE
32
ADCs digital output enable
(3-state output); (active LOW)
OGND
33
input/output ground
D0A
34
I and Q digital outputs; bit 0
D1A
35
I and Q digital outputs; bit 1
D2A
36
I and Q digital outputs; bit 2
D3A
37
I and Q digital outputs; bit 3
D4A
38
I and Q digital outputs; bit 4
D5A
39
I and Q digital outputs; bit 5
D6A
40
I and Q digital outputs; bit 6
D7A
41
I and Q digital outputs; bit 7
D8A
42
I and Q digital outputs; bit 8
D9A
43
I and Q digital outputs; bit 9
VCCO
44
output supply voltage (2.7 to 5.5 V)
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com