Electronic Components Datasheet Search
  English  ▼

X  

CDCE949PW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PW
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PW Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE949PW Datasheet HTML 10Page - Texas Instruments CDCE949PW Datasheet HTML 11Page - Texas Instruments CDCE949PW Datasheet HTML 12Page - Texas Instruments CDCE949PW Datasheet HTML 13Page - Texas Instruments CDCE949PW Datasheet HTML 14Page - Texas Instruments CDCE949PW Datasheet HTML 15Page - Texas Instruments CDCE949PW Datasheet HTML 16Page - Texas Instruments CDCE949PW Datasheet HTML 17Page - Texas Instruments CDCE949PW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
SDA/SCL CONFIGURATION REGISTERS
CDCE949
CDCEL949
SCAS844 – JUNE 2007
The clock input, control pins, PLLs and output stages are user configurable. The following tables and
explanations describe the programmable functions of the CDCE949/CDCEL949. All settings can be manually
written to the device via the SDA/SCL bus, or are easily programmable by using the TI Pro Clock software. TI
Pro Clock software allows the user to quickly make all settings and automatically calculates the values for
optimized performance at lowest jitter.
Table 7. SDA/SCL Registers
ADDRESS OFFSET
REGISTER DESCRIPTION
TABLE
00h
Generic Configuration Register
Table 9
10h
PLL1 Configuration Register
Table 10
20h
PLL2 Configuration Register
Table 11
30h
PLL3 Configuration Register
Table 12
40h
PLL4 Configuration Register
Table 13
The grey-highlighted Bits described in the Configuration Registers tables on the following pages, belong to the
Control Terminal Register. The user can predefine up to eight different control settings. These settings can then
be selected by the external control pins, S0, S1, and S2 (See the Control Terminal Configuration section).
Table 8. Configuration Register, External Control Terminals
Y1
PLL1 SETTING
PLL2 SETTING
PLL3 SETTING
PLL4 SETTING
EXTERNAL
CONTROL
Output
Freq.
SSC
Output
Freq.
SSC
Output
Freq.
SSC
Output
Freq.
SSC
Output
PINS
Select
Select
Select
Select
Select
Select
Select
Select
Select
Select
Select
Select
Select
S2 S1 S0
Y1
FS1
SSC1
Y2Y3
FS2
SSC2
Y4Y5
FS3
SSC3
Y6Y7
FS4
SSC4
Y8Y9
0
0
0
Y1_0
FS1_0
SSC1_0
Y2Y3_0
FS2_0
SSC2_0
Y4Y5_0
FS3_0
SSC3_0
Y6Y7_0
FS4_0
SSC4_0
Y8Y9_0
0
0
1
Y1_1
FS1_1
SSC1_1
Y2Y3_1
FS2_1
SSC2_1
Y4Y5_1
FS3_1
SSC3_1
Y6Y7_1
FS4_1
SSC4_1
Y8Y9_1
0
1
0
Y1_2
FS1_2
SSC1_2
Y2Y3_2
FS2_2
SSC2_2
Y4Y5_2
FS3_2
SSC3_2
Y6Y7_2
FS4_2
SSC4_2
Y8Y9_2
0
1
1
Y1_3
FS1_3
SSC1_3
Y2Y3_3
FS2_3
SSC2_3
Y4Y5_3
FS3_3
SSC3_3
Y6Y7_3
FS4_3
SSC4_3
Y8Y9_3
1
0
0
Y1_4
FS1_4
SSC1_4
Y2Y3_4
FS2_4
SSC2_4
Y4Y5_4
FS3_4
SSC3_4
Y6Y7_4
FS4_4
SSC4_4
Y8Y9_4
1
0
1
Y1_5
FS1_5
SSC1_5
Y2Y3_5
FS2_5
SSC2_5
Y4Y5_5
FS3_5
SSC3_5
Y6Y7_5
FS4_5
SSC4_5
Y8Y9_5
1
1
0
Y1_6
FS1_6
SSC1_6
Y2Y3_6
FS2_6
SSC2_6
Y4Y5_6
FS3_6
SSC3_6
Y6Y7_6
FS4_6
SSC4_6
Y8Y9_6
1
1
1
Y1_7
FS1_7
SSC1_7
Y2Y3_7
FS2_7
SSC2_7
Y4Y5_7
FS3_7
SSC3_7
Y6Y7_7
FS4_7
SSC4_7
Y8Y9_7
Addr.
04h
13h
10h-12h
15h
23h
20h-22h
25h
33h
30h-32h
35h
43h
40h-42h
45h
Offset(1)
(1)
Address Offset refers to the byte address in the Configuration Register on following pages.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com