Electronic Components Datasheet Search
  English  ▼

X  

TDA8784 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8784
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8784 Datasheet HTML 1Page - NXP Semiconductors TDA8784 Datasheet HTML 2Page - NXP Semiconductors TDA8784 Datasheet HTML 3Page - NXP Semiconductors TDA8784 Datasheet HTML 4Page - NXP Semiconductors TDA8784 Datasheet HTML 5Page - NXP Semiconductors TDA8784 Datasheet HTML 6Page - NXP Semiconductors TDA8784 Datasheet HTML 7Page - NXP Semiconductors TDA8784 Datasheet HTML 8Page - NXP Semiconductors TDA8784 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Sep 21
5
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
PINNING
SYMBOL
PIN
DESCRIPTION
CLPOB
1
clamp pulse input at optical black
AGND4
2
analog ground 4
OFDOUT
3
analog output of the additional 8-bit control DAC (controlled via the serial interface)
AMPOUT
4
CDS amplifier output (fixed gain = 6 dB)
AGND1
5
analog ground 1
VCCA1
6
analog supply voltage 1
AGCOUT
7
AGC amplifier signal output
CPCDS
8
clamp storage capacitor pin
AGND5
9
analog ground 5
ADCIN
10
ADC analog signal input from AGCOUT via a short circuit
CLPADC
11
clamp control input for ADC analog input signal clamp (used with a capacitor from Vref to ground)
Vref
12
ADC input clamp reference voltage (normally connected to pin VRB or DACOUT, or shorted to
ground via a capacitor)
DACOUT
13
DAC output for ADC clamp level
AGND2
14
analog ground 2
VCCA2
15
analog supply voltage 2
VRB
16
ADC reference voltage (BOTTOM) code 0
VRT
17
ADC reference voltage (TOP) code 1023
DEC1
18
decoupling 1 (decoupled to ground via a capacitor)
AGND6
19
analog ground 6
SDATA
20
serial data input for the 4 control DACs (9-bit DAC for AGC gain, 8-bit DAC for frequency cut-off;
additional 8-bit DAC for OFD output voltage; 10-bit DAC for ADC clamp level and the standby mode
per block and edge pulse control); see Table 1
SCLK
21
serial clock input for the control DACs and their serial interface; see Table 1
SEN
22
enable input for the serial interface shift register (active when SEN = logic 0); see Table 1
STDBY
23
standby control pin (active HIGH); all the output bits are logic 0 when standby is enabled
VCCD1
24
digital supply voltage 1
DGND1
25
digital ground 1
D0
26
ADC digital output 0 (LSB)
D1
27
ADC digital output 1
D2
28
ADC digital output 2
D3
29
ADC digital output 3
D4
30
ADC digital output 4
D5
31
ADC digital output 5
D6
32
ADC digital output 6
D7
33
ADC digital output 7
D8
34
ADC digital output 8
D9
35
ADC digital output 9 (MSB)
OGND
36
digital output ground
VCCO
37
digital output supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com