Electronic Components Datasheet Search
  English  ▼

X  

TDA8784 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8784
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8784 Datasheet HTML 1Page - NXP Semiconductors TDA8784 Datasheet HTML 2Page - NXP Semiconductors TDA8784 Datasheet HTML 3Page - NXP Semiconductors TDA8784 Datasheet HTML 4Page - NXP Semiconductors TDA8784 Datasheet HTML 5Page - NXP Semiconductors TDA8784 Datasheet HTML 6Page - NXP Semiconductors TDA8784 Datasheet HTML 7Page - NXP Semiconductors TDA8784 Datasheet HTML 8Page - NXP Semiconductors TDA8784 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1999 Sep 21
2
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
FEATURES
• Correlated Double Sampling (CDS), AGC, 10-bit ADC
and reference regulator included, adjustable bandwidth
(CDS and AGC)
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 18 MHz
• AGC gain from 4.5 to 34.5 dB (in 0.1 dB steps)
• CDS programmable bandwidth from 4 to 120 MHz
• AGC programmable bandwidth from 4 to 54 MHz
• Standby mode available for each block for power saving
applications (20 mW typical)
• 6 dB fixed gain analog output for analog iris control
• 8-bit and 10-bit DAC included for analog settings
• Low power consumption of only 483 mW typical
• 5 V operation and 2.5 to 5.25 V operation for the digital
outputs
• TTL compatible inputs, TTL and CMOS compatible
outputs.
APPLICATIONS
• CCD camera systems.
GENERAL DESCRIPTION
The TDA8784 is a 10-bit analog-to-digital interface for
CCD cameras. The device includes a correlated double
sampling circuit, AGC and a low-power 10-bit
Analog-to-Digital Converter (ADC) together with its
reference voltage regulator.
The AGC and CDS have a bandwidth circuit controlled by
on-chip DACs via a serial interface.
A 10-bit DAC controls the ADC input clamp level.
An additional 8-bit DAC is provided for additional system
controls; its output voltage range is 1.4 V (p-p) which is
available at pin OFDOUT.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8784HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com