Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8571 Datasheet HTML 13Page - Analog Devices AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices AD8571 Datasheet HTML 20Page - Analog Devices AD8571 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD8571/AD8572/AD8574
Rev. F | Page 17 of 28
Therefore,
A
OSB
OSA
EFF
OS
B
V
V
V
+
≈
,
(14)
Thus, the offset voltages of both the primary and nulling ampli-
fiers are reduced by the gain factor BA, which takes a typical input
offset voltage from several millivolts down to an effective input
offset voltage of submicrovolts. This autocorrection scheme makes
the AD8571/AD8572/AD8574 amplifiers extremely precise.
HIGH GAIN, CMRR, AND PSRR
Common-mode and power supply rejection are indications of the
amount of offset voltage an amplifier has as a result of a change in
its input common-mode or power supply voltages. As shown in
the Amplification Phase section, the autocorrection architecture
of the AD8571/AD8572/AD8574 allows it to effectively
minimize offset voltages. The technique also corrects for offset
errors caused by common-mode voltage swings and power
supply variations, which results in superb CMRR and PSRR
figures in excess of 130 dB. Because the autocorrection occurs
continuously, these figures can be maintained across the
temperature range of the device (−40°C to +125°C).
MAXIMIZING PERFORMANCE THROUGH PROPER
LAYOUT
To achieve the maximum performance of the extremely high
input impedance and low offset voltage of the AD8571/AD8572/
AD8574, care should be taken in the circuit board layout. The
PCB surface must remain clean and free of moisture to avoid
leakage currents between adjacent traces. Surface coating of the
circuit board reduces surface moisture and provides a humidity
barrier, reducing parasitic resistance on the board. The use of
guard rings around the amplifier inputs further reduces leakage
currents. Figure 52 shows how the guard ring should be config-
ured, and Figure 53 shows the top view of how a surface-mount
layout can be arranged. The guard ring does not need to be a
specific width, but it should form a continuous loop around both
inputs. By setting the guard ring voltage equal to the voltage at
the non-inverting input, parasitic capacitance is minimized as
well. For further reduction of leakage currents, components can be
mounted to the PCB using Teflon® standoff insulators.
VOUT
VOUT
VOUT
VIN
AD8572
VIN
AD8572
V
IN
AD8572
Figure 52. Guard Ring Layout and Connections to
Reduce PCB Leakage Currents
V–
V+
VREF
VREF
VIN1
VIN2
GUARD
RING
R1
R2
R2
R1
AD8572
GUARD
RING
Figure 53. Top View of AD8572 SOIC Layout with Guard Rings
Other potential sources of offset error are thermoelectric
voltages on the circuit board. This voltage, also called Seebeck
voltage, occurs at the junction of two dissimilar metals and is
proportional to the junction temperature. The most common
metallic junctions on a circuit board are solder-to-board trace
and solder-to-component lead. Figure 54 shows a cross-section
view of the thermal voltage error sources. When the temperature
of the PCB at one end of the component (TA1) differs from the
temperature at the other end (TA2), the Seebeck voltages are not
equal, resulting in a thermal voltage error.
This thermocouple error can be reduced by using dummy
components to match the thermoelectric error source. Placing
the dummy component as close as possible to its partner ensures
that both Seebeck voltages are equal, thus canceling the thermo-
couple error. Maintaining a constant ambient temperature on the
circuit board further reduces this error. The use of a ground
plane helps distribute heat throughout the board and also
reduces EMI noise pickup.
SURFACE MOUNT
COMPONENT
COMPONENT
LEAD
SOLDER
PC BOARD
COPPER
TRACE
TA2
IF TA1 ≠ TA2, THEN
VTS1 + VSC1 ≠ VTS2 + VSC2
TA1
VSC1
VTS1
+
–
+
–
VSC2
VTS2
+
+
–
–
Figure 54. Mismatch in Seebeck Voltages Causes a Thermoelectric Voltage Error
RS SHOULD BE PLACED IN CLOSE PROXIMITY AND
ALIGNMENT TO R1 TO BALANCE SEEBECK VOLTAGES
VOUT
VIN
AD8571/AD8572/
AD8574
AV = 1 + (RF /R1)
RF
RS = R1
R1
Figure 55. Using Dummy Components to Cancel Thermoelectric Voltage Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com