Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices AD8571 Datasheet HTML 20Page - Analog Devices AD8571 Datasheet HTML 21Page - Analog Devices AD8571 Datasheet HTML 22Page - Analog Devices AD8571 Datasheet HTML 23Page - Analog Devices AD8571 Datasheet HTML 24Page - Analog Devices AD8571 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD8571/AD8572/AD8574
Rev. F | Page 21 of 28
APPLICATIONS INFORMATION
5 V PRECISION STRAIN GAGE CIRCUIT
The extremely low offset voltage of the AD8572 makes it an ideal
amplifier for any application requiring accuracy with high gains,
such as a weigh scale or strain gage. Figure 63 shows a configura-
tion for a single-supply, precision strain gage measurement system.
The REF192 provides a 2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a 4.0 V reference
for the top of the strain gage resistor bridge. Q1 provides the
current drive for the 350 Ω bridge network. A1 is used to amplify
the output of the bridge with the full-scale output voltage equal to
(
)
B
R
2
R
1
R +
×
2
(17)
where RB is the resistance of the load cell.
Using the values given in Figure 63, the output voltage linearly
varies from 0 V with no strain to 4 V under full strain.
VOUT
AD8572-A
R3
17.4kΩ
R4
100Ω
R1
17.4kΩ
R2
100Ω
0V TO 4V
NOTE:
USE 0.1% TOLERANCE RESISTORS.
20kΩ
A1
AD8572-B
REF192
12kΩ
1k
Ω
5V
2.5V
6
4
3
2
4.0V
40mV
FULL-SCALE
A2
350Ω
LOAD
CELL
Q1
2N2222
OR
EQUIVALENT
Figure 63. 5 V Precision Strain Gage Amplifier
3 V INSTRUMENTATION AMPLIFIER
The high common-mode rejection, high open-loop gain,
and operation down to 3 V of the supply voltage make the
AD8571/AD8572/AD8574 an excellent op amp choice for
discrete single-supply instrumentation amplifiers. The
common-mode rejection ratio of the AD8571/AD8572/
AD8574 is greater than 120 dB, but the CMRR of the system
is also a function of the external resistor tolerances. The gain
of the difference amplifier shown in Figure 64 is given as
−
 +
+
=
1
R
2
R
2
V
2
R
1
R
4
R
3
R
4
R
1
V
VOUT
1
(18)
V2
V1
VOUT
R1
R1
R1
R3
R4
R4
R3
R2
R2
R2
AD8571/
AD8572/
AD8574
IF
=
, THEN VOUT =
(V1 – V2)
Figure 64. Using the AD8571/AD8572/AD8574 as a Difference Amplifier
In an ideal difference amplifier, the ratio of the resistors is set
equal to
3
R
4
R
1
R
2
R
AV
=
=
(19)
Set the output voltage of the system to
VOUT = AV (V1 − V2)
(20)
Due to finite component tolerance, the ratio between the four
resistors is not exactly equal, and any mismatch results in a
reduction of common-mode rejection from the system. Referring
to Figure 64, the exact common-mode rejection ratio can be
expressed as
R2R3
R1R4
R2R3
R2R4
1R4
R
CMRR
2
2
2
−
+
+
=
(21)
In the 3-op amp instrumentation amplifier configuration shown
in Figure 65, the output difference amplifier is set to unity gain
with all four resistors equal in value. If the tolerance of the
resistors used in the circuit is given as δ, the worst-case CMRR
of the instrumentation amplifier is
δ
=
2
1
MIN
CMRR
(22)
VOUT
R
R
R
R
AD8574-C
V2
R
R
V1
RG
AD8574-B
AD8574-A
RTRIM
VOUT = 1 +
2R
RG
(V1 – V2)
Figure 65. Discrete Instrumentation Amplifier Configuration
Therefore, using 1% tolerance resistors results in a worst-case
system CMRR of 0.02, or 34 dB. To achieve high common-
mode rejection, either high precision resistors or an additional
trimming resistor, as shown in Figure 65, should be used. The
value of this trimming resistor should be equal to the value of R
multiplied by its tolerance. For example, using 10 kΩ resistors
with 1% tolerance would require a series trimming resistor
equal to 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com